データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC16FSM データシート(PDF) 115 Page - Teccor Electronics

部品番号 AC16FSM
部品情報  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECCOR [Teccor Electronics]
ホームページ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM データシート(HTML) 115 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 111Page - Teccor Electronics AC16FSM Datasheet HTML 112Page - Teccor Electronics AC16FSM Datasheet HTML 113Page - Teccor Electronics AC16FSM Datasheet HTML 114Page - Teccor Electronics AC16FSM Datasheet HTML 115Page - Teccor Electronics AC16FSM Datasheet HTML 116Page - Teccor Electronics AC16FSM Datasheet HTML 117Page - Teccor Electronics AC16FSM Datasheet HTML 118Page - Teccor Electronics AC16FSM Datasheet HTML 119Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 223 page
background image
Data Sheets
Packing Options
2002 Teccor Electronics
M3 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
TO-92 Type 70 Ammo Pack (AP) Radial Leaded
Meets all EIA-468-B 1994 Standards
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Fee
d
Dimensions
are in inches
(and millimeters).
1.85
(47.0)
13.3
(338.0)
12.2
(310.0)
1.85
(47.0)
0.157
DIA
(4.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More