| データシートサーチシステム |
|
ST92F120JR1Q7 データシート(PDF) 237 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120JR1Q7 データシート(HTML) 237 Page - STMicroelectronics |
|
237 / 324 page ![]() 237/324 I2C BUS INTERFACE I2C BUS INTERFACE (Cont’d) Table 44. I2C BUS Register Map and Reset Values Address (Hex.) Register Name 76 5 4 32 10 F0h I2CCR Reset Value - 0 - 0 PE 0 ENGC 0 START 0 ACK 0 STOP 0 ITE 0 F1h I2CSR1 Reset Value EVF 0 ADD10 0 TRA 0 BUSY 0 BTF 0 ADSL 0 M/SL 0 SB 0 F2h I2CSR2 Reset Value - 0 0 0 ADDTX 0 AF 0 STOPF 0 ARLO 0 BERR 0 GCAL 0 F3h I2CCCR Reset Value FM/SM 0 CC6 0 CC5 0 CC4 0 CC3 0 CC2 0 CC1 0 CC0 0 F4h I2COAR1 Reset Value ADD7 0 ADD6 0 ADD5 0 ADD4 0 ADD3 0 ADD2 0 ADD1 0 ADD0 0 F5h I2COAR2 Reset Value FREQ1 0 FREQ0 0 EN10BIT 0 FREQ2 0 0 0 ADD9 0 ADD8 0 0 0 F6h I2CDR Reset Value DR7 0 DR6 0 DR5 0 DR4 0 DR3 0 DR2 0 DR1 0 DR0 0 F7h I2CADR Reset Value ADR7 1 ADR6 0 ADR5 1 ADR4 0 ADR3 0 ADR2 0 ADR1 0 ADR0 0 F8h I2CISR Reset Value DMASTOP 1 PRL2 X PRL1 X PRL0 XX IERRP X IRXP X ITXP X F9h I2CIVR Reset Value V7 X V6 X V5 X V4 X V3 X EV2 X EV1 X 0 0 FAh I2CRDAP Reset Value RA7 X RA6 X RA5 X RA4 X RA3 X RA2 X RA1 X RPS X FBh I2CRDC Reset Value RC7 X RC6 X RC5 X RC4 X RC3 X RC2 X RC1 X RF/MEM X FCh I2CTDAP Reset Value TA7 X TA6 X TA5 X TA4 X TA3 X TA2 X TA1 X TPS X FDh I2CTDC Reset Value TC7 X TC6 X TC5 X TC4 X TC3 X TC2 X TC1 X RF/MEM X FEh I2CECCR 0 0 0 0 0 0 0 0 0 0 0 0 CC8 0 CC7 0 FFh I2CIMR Reset Value RXDM 0 TXDM 0 REOBP X TEOBP X0 IERRM 0 IRXM 0 ITXM 0 9 |