データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP470C データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 SP470C
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP470C データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  SP470C Datasheet HTML 1Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 2Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 3Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 4Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 5Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 6Page - SamHop Microelectronics Corp. SP470C Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
SP470C
Symbol
VDS
VGS
IDM
1.5
W
A
PD
°C
992
-55 to 150
ID
Units
Parameter
40
130
264
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
40V
130A
2.3
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (Tc=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a c
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
R JC
www.samhop.com.tw
Jul,03,2015
1
Details are subject to change without notice.
TC=25°C
TC=70°C
A
TC=70°C
W
Green
Product
104
53
EAS
Single Pulse Avalanche Energy
d
mJ
83
4
3
2
1
8
7
6
5
N-Channel Logic Level Enhancement Mode Field Effect Transistor
c
Ver 1.0
DFN 5x6
PIN1


同様の部品番号 - SP470C

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
SP471K CDE-SP471K Datasheet
201Kb / 2P
Ceramic Capacitors
SP472K CDE-SP472K Datasheet
201Kb / 2P
Ceramic Capacitors
logo
Zarlink Semiconductor I...
SP4740 ZARLINK-SP4740 Datasheet
155Kb / 6P
1쨌3GHz 4256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
SP4740NADP ZARLINK-SP4740NADP Datasheet
155Kb / 6P
1쨌3GHz 4256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
SP4740NAMP ZARLINK-SP4740NAMP Datasheet
155Kb / 6P
1쨌3GHz 4256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
More results

同様の説明 - SP470C

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com