| データシートサーチシステム |
|
PIC16F76-E/ML データシート(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F76-E/ML データシート(HTML) 153 Page - Microchip Technology |
|
153 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 151 PIC16F7X 17.0 PACKAGING INFORMATION 17.1 Package Marking Information 28-Lead SOIC YYWWNNN Example XXXXXXXXXXXXXXXXX YYWWNNN 28-Lead PDIP (Skinny DIP) Example XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX 0210017 PIC16F77-I/SP XXXXXXXXXXXXXXXXX 0210017 PIC16F76-I/SO 28-Lead SSOP YYWWNNN Example XXXXXXXXXXXX XXXXXXXXXXXX 0210017 PIC16F73 -I/SS Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. 28-Lead MLF Example XXXXXXXX XXXXXXXX YYWWNNN 1 PIC16F73 -I/ML 0210017 1 |