データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72F324J データシート(PDF) 152 Page - STMicroelectronics

部品番号 ST72F324J
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J データシート(HTML) 152 Page - STMicroelectronics

Back Button ST72F324J Datasheet HTML 148Page - STMicroelectronics ST72F324J Datasheet HTML 149Page - STMicroelectronics ST72F324J Datasheet HTML 150Page - STMicroelectronics ST72F324J Datasheet HTML 151Page - STMicroelectronics ST72F324J Datasheet HTML 152Page - STMicroelectronics ST72F324J Datasheet HTML 153Page - STMicroelectronics ST72F324J Datasheet HTML 154Page - STMicroelectronics ST72F324J Datasheet HTML 155Page - STMicroelectronics ST72F324J Datasheet HTML 156Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 156 page
background image
ST72324J/K
152/156
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
ª http//mcu.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
ST Emulators
The emulator is delivered with everything (probes,
TEB, adapters etc.) needed to start emulating the
devices. To configure the emulator to emulate dif-
ferent ST7 subfamily devices, the active probe for
the ST7 EMU3 can be changed and the ST7EMU3
probe is designed for easy interchange of TEBs
(Target Emulation Board). See Table 26 for more
details.
14.3.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 27.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet (www.yamaichi.de for
TQFP44 10 x 10 and www.ironwoodelectron-
ics.com for TQFP32 7 x 7).
Table 26. STMicroelectronics Development Tools
Note:
1. Flash Programming interface for FLASH devices.
Table 27. Suggested List of Socket Types
Supported Products
ST7 Evaluation
Board
ST7 HDS2
Emulator
Active Probe &
T.E.B.
ST7 Programming Board
ST72324J, ST72F324J
ST72324K, ST72F324K
N/A
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7MDT20J-EPB/EU
ST7MDT20J-EPB/US
ST7MDT20J-EPB/UK
Device
Socket (supplied with
ST7MDT20J-EMU3)
Emulator Adapter (supplied with
ST7MDT20J-EMU3)
TQFP32 7 X 7
IRONWOOD SF-QFE32SA-L-01
IRONWOOD SK-UGA06/32A-01
TQFP44 10 X10
YAMAICHI IC149-044-*52-*5
YAMAICHI ICP-044-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More