document.write("
| 2PA2-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "2PA2-R" 結果は : 21 ( 1/2 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | 2PA1576Q T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4081Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() |
![]() Nexperia | 2PA1576Q-QX | ![]() | 2PA1576Q-Q - PNP general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
![]() NXP Semiconductors | 2PA1576R T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4081R ; fT min: 100 MHz; hFE max: 390 ; hFE min: 180 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() |
| 2PA1576R,185 | ![]() | 2PA1576 - PNP general-purpose transistor SC-70 3-Pin | active | ![]() | |
![]() Nexperia | 2PA1576R,185 | ![]() | 2PA1576R - PNP general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
| 2PA1576R-QX | ![]() | 2PA1576R-Q - PNP general-purpose transistor@en-us SC-70 3-Pin | active | ![]() | |
![]() NXP Semiconductors | 2PA1576R/ZLX | ![]() | TRANS PNP GEN PURPOSE SC70 | compliant yes transferred | |
| 2PA1576S T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4081S ; fT min: 100 MHz; hFE max: 560 ; hFE min: 270 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() | |
![]() Nexperia | 2PA1576S-QX | ![]() | 2PA1576S-Q - PNP general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
![]() NXP Semiconductors | 2PA1774Q T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V | compliant no active | ![]() |
| 2PA1774QM T/R | ![]() | PNP general purpose transistor | compliant no active | ![]() | |
| 2PA1774QMB,315 | ![]() | 2PA1774xMB series - 40 V, 100 mA PNP general-purpose transistors DFN 3-Pin | compliant transferred | ![]() | |
| 2PA1774R T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4617R ; fT min: 100 MHz; hFE max: 390 ; hFE min: 180 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V | compliant no active | ![]() | |
| 2PA1774R/A2,115 | ![]() | 2PA1774R | unknown unknown obsolete | ![]() | |
| 2PA1774R/DG,115 | ![]() | PNP general-purpose transistor, SOT416 Package, Standard Marking, Reel Pack, SMD, 7" | unknown unknown transferred | ![]() | |
| 2PA1774R/DG,135 | ![]() | PNP general-purpose transistor, SOT416 Package, Standard Marking, Reel Pack, SMD, Large | unknown unknown transferred | ![]() | |
| 2PA1774RM T/R | ![]() | PNP general purpose transistor | compliant no active | ![]() | |
| 2PA1774RMB,315 | ![]() | 2PA1774xMB series - 40 V, 100 mA PNP general-purpose transistors DFN 3-Pin | compliant transferred | ![]() | |
| 2PA1774S T/R | ![]() | PNP general-purpose transistor - Complement: 2PC4617S ; fT min: 100 MHz; hFE max: 560 ; hFE min: 270 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V | compliant no active | ![]() | |
| 2PA1774SM T/R | ![]() | PNP general purpose transistor | compliant no active | ![]() |
1 2 |