document.write("
| AME-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "AME-R" 結果は : 496 ( 1/25 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() Aimtec | AME05-12DEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): ??200, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, R | compliant yes active | |
| AME05-12DZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 12/-12, Max Output Current(A): ??0.2, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs | compliant yes active | ||
| AME05-12SEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 416, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Reg | compliant yes active | ||
| AME05-12SZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 0.416, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, R | compliant yes active | ||
| AME05-15DEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 15, Max Output Current(A): ??160, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, R | compliant yes active | ||
| AME05-15DZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 15/-15, Max Output Current(A): ??0.16, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouput | compliant yes active | ||
| AME05-15SEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 15, Max Output Current(A): 333, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Reg | compliant yes active | ||
| AME05-15SZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 15, Max Output Current(A): 0.333, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, R | compliant yes active | ||
| AME05-24SEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 200, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Reg | compliant yes active | ||
| AME05-24SZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 0.2, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Reg | compliant yes active | ||
| AME05-3.3SEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 1500, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, R | compliant yes active | ||
| AME05-3.3SZ | ![]() | DC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 1.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Re | compliant yes active | ||
| AME05-5DEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): ??500, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Re | compliant yes active | ||
| AME05-5DZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 5/-5, Max Output Current(A): ??0.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, | compliant yes active | ||
| AME05-5SEZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 1000, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Reg | compliant yes active | ||
| AME05-5SZ | ![]() | AC-DC Converter, 5Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 1, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regula | compliant yes active | ||
| AME10-12DEZ | ![]() | AC-DC Converter, 10Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): ??380, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 80%, Single & Dual Outputs | compliant yes active | ||
| AME10-12DZ | ![]() | AC-DC Converter, 10Watt, Input VAC: 90~260, Output VDC: 12/-12, Max Output Current(A): ??0.38, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 80%, Single & Dual Out | compliant yes active | ||
| AME10-12SEZ | ![]() | AC-DC Converter, 10Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 0.833, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 80%, Single & Dual Outputs | compliant yes active | ||
| AME10-12SZ | ![]() | AC-DC Converter, 10Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 0.833, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25??C to +70??C/40??C to +70??C, Low Ripple & Noise, High Efficiency up to 80%, Single & Dual Outputs | compliant yes active |
1 2 3 4 5 6 7 8 9 10 ..... |