document.write("
| AMS-2D-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "AMS-2D-R" 結果は : 4 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() Aimtec | AMSRL-7805-NZTR | ![]() | Switching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 6; Input voltage max (V): 28; Output voltage min: 5; Output voltage max: 5; Output voltage dual assymetric (y/n): Single; Output Power (W): 2.5; Max Output current (A): 0.5; Effici | compliant yes active | ![]() |
| AMSRL-7812-NZTR | ![]() | Switching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 14; Input voltage max (V): 28; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 6; Max Output current (A): 0.5; Effic | compliant yes active | ![]() | |
| AMSRL-7815-NZTR | ![]() | Switching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 17; Input voltage max (V): 28; Output voltage min: 15; Output voltage max: 15; Output voltage dual assymetric (y/n): Single; Output Power (W): 7.5; Max Output current (A): 0.5; Eff | compliant yes active | ![]() | |
| AMSRL-783.3-NZTR | ![]() | Switching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 4.5; Input voltage max (V): 28; Output voltage min: 3.3; Output voltage max: 3.3; Output voltage dual assymetric (y/n): Single; Output Power (W): 1.65; Max Output current (A): 0.5; | compliant yes active | ![]() |
1 |