document.write("

APTYZEWU-R メーカー
品番検索 : 一致 , 類似&前一致 "APTYZEWU-R" 結果は : 40 ( 1/2 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
ABB
APTH003TLynx, DC-DC (POL) Converter, Input Range: 2.4 - 5.5V; Vout: 0.60 - 3.63V; Iout: 3A; Efficiency: 0.95unknown
unknown
unknown
APTH003A0X-SRPicoTLynx™ 3A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A Output Currentnot_compliant
no
active
APTH003A0X-SRZPicoTLynx™ 3A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A Output Currentcompliant
yes
active
APTH003A0X4-SRZPicoTLynx™ 3A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A Output Currentcompliant
yes
active
APTH006TLynx, DC-DC (POL) Converter, Input Range: 2.4 - 5.5V; Vout: 0.60 - 3.63V; Iout: 6A; Efficiency: 0.95unknown
unknown
unknown
APTH006A0X-SRPicoTLynx™ 6A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A Output Currentnot_compliant
no
active
APTH006A0X-SRZPicoTLynx™ 6A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A Output Currentcompliant
yes
active
APTH006A0X4-SRZPicoTLynx™ 6A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A Output Currentcompliant
yes
active
APTH012TLynx, DC-DC (POL) Converter, Input Range: 2.4 - 5.5V; Vout: 0.60 - 3.63V; Iout: 12A; Efficiency: 0.97unknown
unknown
unknown
APTH012A0X3-SRZMicroTLynxTM 12A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A Output Currentcompliant
yes
active
APTH012A0X43-SRZMicroTLynxTM 12A: Non-Isolated DC-DC Power Module, 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A Output Currentcompliant
yes
active
APTH020TLynx, DC-DC (POL) Converter, Input Range: 2.4 - 5.5V; Vout: 0.60 - 3.63V; Iout: 20A; Efficiency: 0.95unknown
unknown
unknown
APTH020A0X3-SRTLynxTM: Non-Isolated DC-DC Power Module: 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A Output Currentnot_compliant
no
active
APTH020A0X3-SRZTLynxTM: Non-Isolated DC-DC Power Module: 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A Output Currentcompliant
yes
active
APTH020A0X43-SRZTLynxTM: Non-Isolated DC-DC Power Module: 2.4Vdc –5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A Output Currentcompliant
yes
active
APTS003TLynx, DC-DC (POL) Converter, Input Range: 4.5 - 14.0V; Vout: 0.59 - 5.50V; Iout: 3A; Efficiency: 0.95unknown
unknown
unknown
APTS003A0X-SRDZ12V PicoTLynxTM 3A: Non-Isolated DC-DC Power Module, 4.5Vdc –14Vdc input; 0.59Vdc to 5.5Vdc output; 3A Output Currentcompliant
yes
active
APTS003A0X-SRZ12V PicoTLynxTM 3A: Non-Isolated DC-DC Power Module, 4.5Vdc –14Vdc input; 0.59Vdc to 5.5Vdc output; 3A Output Currentcompliant
yes
active
APTS003A0X4-SRZ12V PicoTLynxTM 3A: Non-Isolated DC-DC Power Module, 4.5Vdc –14Vdc input; 0.59Vdc to 5.5Vdc output; 3A Output Currentcompliant
yes
active
APTS006TLynx, DC-DC (POL) Converter, Input Range: 4.5 - 14.0V; Vout: 0.59 - 5.50V; Iout: 6A; Efficiency: 0.96unknown
unknown
unknown

1 2

");