document.write("
| BACE-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "BACE-R" 結果は : 95 ( 1/5 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | BACA-AMP-08 | ![]() | Connector Accessory | unknown unknown active | |
| BACA-AMP-106 | ![]() | 03P MTA100 CONN ASSY POL RIB Connector System:Wire-to-Board;Number of Positions:3;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 3 2.54 mm .1\" | Ampseal Header | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-108 | ![]() | 03P MTA100 CONN ASSY LF Connector System:Wire-to-Board;Number of Positions:3;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 3 2.54 mm .1\" | Ampseal Header | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-120 | ![]() | 02P MTA100 CONN ASSY NATL 30AU Connector System:Wire-to-Board;Number of Positions:2;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 2 2.54 mm .1\" | Ampseal Header | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-124 | ![]() | MINI UMNL SOK 26-22 AWG AU Product Type:Contact;Operating Voltage:600 VAC;Operating Voltage:600 VDC;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.12 – .4 mm² Contact 600 VAC 600 VDC 26 – 22 AWG | Power Contact | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-130 | ![]() | Connector Accessory | unknown unknown active | ||
| BACA-AMP-136 | ![]() | 10POS,MICRO MNL,RCPT HSG Product Type:Housing;Housing Type:Receptacle;Connector System:Wire-to-Wire;Wire-to-Board;Number of Positions:10;Centerline (Pitch):3 mm Housing Receptacle Wire-to-Wire 10 | Ampseal Header | 3 mm | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-140 | ![]() | Push-On Terminal | unknown unknown active | ||
| BACA-AMP-148 | ![]() | UMNL SPLIT PIN PTPBR Product Type:Contact;Operating Voltage:600 VAC;Wire/Cable Size:24 – 18 AWG;Wire/Cable Size:.2 – .8 mm²;Connector System:Wire-to-Wire Contact 600 VAC 24 – 18 AWG .2 – .8 mm² | Ampseal Header | TE Connectivity | compliant unknown active | ![]() | |
| BACA-AMP-152 | ![]() | CST-100 II HOUSING 4 POS Connector System:Wire-to-Wire;Number of Positions:4;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp Wire-to-Wire 4 2.54 mm .1\" | Ampseal Header | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-154 | ![]() | CST-100 II CONTACT TIN PLT Contact Type:Socket;Connector System:Wire-to-Board;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.13 – .33 mm²;Contact Mating Area Plating Material:Pre-Tin Socket Wire-to-Board 26 – 22 AWG .13 – .33 mm² | | unknown unknown active | ![]() | |
| BACA-AMP-156 | ![]() | MTE PIN 22-26 AWG PLTD Contact Type:Pin;Wire/Cable Size:26 22 AWG;Wire/Cable Size:.12 - .4 mm²;Contact Mating Area Plating Material:Gold;Packaging Method:Strip Pin 26 - 22 AWG .12 - .4 mm² Gold | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-158 | ![]() | MINI AMP-IN 26-22 PTPHBZ Terminal & Splice Type:Pin;Terminal Type:PCB Pin;PCB Thickness (Recommended):1.57 mm;PCB Thickness (Recommended):.062 in;PCB Hole Diameter:1.4 mm Pin PCB Pin 1.57 mm .062\" | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-178 | ![]() | MICRO MNL RPT CNT STRP 15AU LF Product Type:Contact;Operating Voltage:250 VAC;Operating Voltage:250 VDC;Wire/Cable Size:24 - 20 AWG;Wire/Cable Size:.2 - .5 mm² Contact 250 VAC 250 VDC 24 - 20 AWG | Power Contact | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-18 | ![]() | 02 MTE SHRD PIN HSG SR LATCH Number of Positions:2;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 2 2.54 mm .1\" Crimp | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-180 | ![]() | MICRO MNL RPT CNT STRP 15AU LF Product Type:Contact;Operating Voltage:250 VAC;Operating Voltage:250 VDC;Wire/Cable Size:30 - 26 AWG;Wire/Cable Size:.05 - .14 mm² Contact 250 VAC 250 VDC 30 - 26 AWG | Power Contact | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-186 | ![]() | 02P UMNL WIRE SEAL Accessory Type:Wire Seal;Accepts Wire Insulation Diameter Range:1.52 – 3.3 mm;Accepts Wire Insulation Diameter Range:.06 – .13 in;Connector System:Wire-to-Wire;Operating Temperature Range:-55 – 105 °C Wire Seal 1.52 â | unknown unknown active | ![]() | |
| BACA-AMP-188 | ![]() | 02P UMNL INTERFACE SEAL Accessory Type:Interface Seal;Connector System:Wire-to-Wire;Operating Temperature Range:-55 – 105 °C;Operating Temperature Range:-67 – 221 °F Interface Seal Wire-to-Wire | Ampseal Header | TE Connectivity | unknown unknown active | ![]() | |
| BACA-AMP-190 | ![]() | SHORT POINT CONT 15 DPLX STMPD LF Contact Type:Socket;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.12 – .4 mm²;Contact Mating Area Plating Material:Gold;Packaging Method:Strip Socket 26 – 22 AWG .12 – .4 mm² Gold | TE Connectivi | unknown unknown active | ![]() | |
| BACA-AMP-192 | ![]() | CMNL PIN PTPPHBZL/P Product Type:Contact;Operating Voltage:250 VAC;Wire/Cable Size:24 – 18 AWG;Wire/Cable Size:.2 – .82 mm²;Connector System:Wire-to-Wire Contact 250 VAC 24 – 18 AWG .2 – .82 mm² | Ampseal Header | TE Connectivit | unknown unknown active | ![]() |
1 2 3 4 5 |