document.write("

BACM-R メーカー
品番検索 : 一致 , 類似&前一致 "BACM-R" 結果は : 95 ( 1/5 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
TE Connectivity
BACA-AMP-08Connector Accessoryunknown
unknown
active
BACA-AMP-10603P MTA100 CONN ASSY POL RIB Connector System:Wire-to-Board;Number of Positions:3;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 3 2.54 mm .1\" | Ampseal Header | TE Connectivityunknown
unknown
active
BACA-AMP-10803P MTA100 CONN ASSY LF Connector System:Wire-to-Board;Number of Positions:3;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 3 2.54 mm .1\" | Ampseal Header | TE Connectivityunknown
unknown
active
BACA-AMP-12002P MTA100 CONN ASSY NATL 30AU Connector System:Wire-to-Board;Number of Positions:2;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Number of Rows:1 Wire-to-Board 2 2.54 mm .1\" | Ampseal Header | TE Connectivityunknown
unknown
active
BACA-AMP-124MINI UMNL SOK 26-22 AWG AU Product Type:Contact;Operating Voltage:600 VAC;Operating Voltage:600 VDC;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.12 – .4 mm² Contact 600 VAC 600 VDC 26 – 22 AWG | Power Contact | TE Connectivityunknown
unknown
active
BACA-AMP-130Connector Accessoryunknown
unknown
active
BACA-AMP-13610POS,MICRO MNL,RCPT HSG Product Type:Housing;Housing Type:Receptacle;Connector System:Wire-to-Wire;Wire-to-Board;Number of Positions:10;Centerline (Pitch):3 mm Housing Receptacle Wire-to-Wire 10 | Ampseal Header | 3 mm | TE Connectivityunknown
unknown
active
BACA-AMP-140Push-On Terminalunknown
unknown
active
BACA-AMP-148UMNL SPLIT PIN PTPBR Product Type:Contact;Operating Voltage:600 VAC;Wire/Cable Size:24 – 18 AWG;Wire/Cable Size:.2 – .8 mm²;Connector System:Wire-to-Wire Contact 600 VAC 24 – 18 AWG .2 – .8 mm² | Ampseal Header | TE Connectivitycompliant
unknown
active
BACA-AMP-152CST-100 II HOUSING 4 POS Connector System:Wire-to-Wire;Number of Positions:4;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp Wire-to-Wire 4 2.54 mm .1\" | Ampseal Header | TE Connectivityunknown
unknown
active
BACA-AMP-154CST-100 II CONTACT TIN PLT Contact Type:Socket;Connector System:Wire-to-Board;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.13 – .33 mm²;Contact Mating Area Plating Material:Pre-Tin Socket Wire-to-Board 26 – 22 AWG .13 – .33 mm² |unknown
unknown
active
BACA-AMP-156MTE PIN 22-26 AWG PLTD Contact Type:Pin;Wire/Cable Size:26 22 AWG;Wire/Cable Size:.12 - .4 mm²;Contact Mating Area Plating Material:Gold;Packaging Method:Strip Pin 26 - 22 AWG .12 - .4 mm² Gold | TE Connectivityunknown
unknown
active
BACA-AMP-158MINI AMP-IN 26-22 PTPHBZ Terminal & Splice Type:Pin;Terminal Type:PCB Pin;PCB Thickness (Recommended):1.57 mm;PCB Thickness (Recommended):.062 in;PCB Hole Diameter:1.4 mm Pin PCB Pin 1.57 mm .062\" | TE Connectivityunknown
unknown
active
BACA-AMP-178MICRO MNL RPT CNT STRP 15AU LF Product Type:Contact;Operating Voltage:250 VAC;Operating Voltage:250 VDC;Wire/Cable Size:24 - 20 AWG;Wire/Cable Size:.2 - .5 mm² Contact 250 VAC 250 VDC 24 - 20 AWG | Power Contact | TE Connectivityunknown
unknown
active
BACA-AMP-1802 MTE SHRD PIN HSG SR LATCH Number of Positions:2;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 2 2.54 mm .1\" Crimp | TE Connectivityunknown
unknown
active
BACA-AMP-180MICRO MNL RPT CNT STRP 15AU LF Product Type:Contact;Operating Voltage:250 VAC;Operating Voltage:250 VDC;Wire/Cable Size:30 - 26 AWG;Wire/Cable Size:.05 - .14 mm² Contact 250 VAC 250 VDC 30 - 26 AWG | Power Contact | TE Connectivityunknown
unknown
active
BACA-AMP-18602P UMNL WIRE SEAL Accessory Type:Wire Seal;Accepts Wire Insulation Diameter Range:1.52 – 3.3 mm;Accepts Wire Insulation Diameter Range:.06 – .13 in;Connector System:Wire-to-Wire;Operating Temperature Range:-55 – 105 °C Wire Seal 1.52 âunknown
unknown
active
BACA-AMP-18802P UMNL INTERFACE SEAL Accessory Type:Interface Seal;Connector System:Wire-to-Wire;Operating Temperature Range:-55 – 105 °C;Operating Temperature Range:-67 – 221 °F Interface Seal Wire-to-Wire | Ampseal Header | TE Connectivityunknown
unknown
active
BACA-AMP-190SHORT POINT CONT 15 DPLX STMPD LF Contact Type:Socket;Wire/Cable Size:26 – 22 AWG;Wire/Cable Size:.12 – .4 mm²;Contact Mating Area Plating Material:Gold;Packaging Method:Strip Socket 26 – 22 AWG .12 – .4 mm² Gold | TE Connectiviunknown
unknown
active
BACA-AMP-192CMNL PIN PTPPHBZL/P Product Type:Contact;Operating Voltage:250 VAC;Wire/Cable Size:24 – 18 AWG;Wire/Cable Size:.2 – .82 mm²;Connector System:Wire-to-Wire Contact 250 VAC 24 – 18 AWG .2 – .82 mm² | Ampseal Header | TE Connectivitunknown
unknown
active

1 2 3 4 5

");