document.write("

BASIC-R メーカー
品番検索 : 一致 , 類似&前一致 "BASIC-R" 結果は : 408 ( 1/21 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
BAS101,215BAS101; BAS101S - High-voltage switching diodes TO-236 3-Pincompliant

transferred
BAS101/T1RBAS101; BAS101S - High-voltage switching diodes TO-236 3-Pin

transferred
\"logo\"
Nexperia
BAS101/T1RBAS101; BAS101S - High-voltage switching diodes@en-us TO-236 3-Pin

obsolete
\"logo\"
NXP Semiconductors
BAS101S,215BAS101; BAS101S - High-voltage switching diodes TO-236 3-Pincompliant

transferred
BAS116 T/RLow-leakage diode - Cd max.: 2 pF; Configuration: single ; IF max: 215 mA; IFSM max: 4 A; IR max: 5@VR=75V nA; IFRM: 500 mA; trr max: 3000 ns; VFmax: 1@IF=10mA mV; VR max: 75 Vcompliant
no
active
\"logo\"
Nexperia
BAS116DY-QXBAS116DY-Q - Low-leakage dual switching diode@en-us TSSOP 6-Pin

active
BAS116DYXBAS116DY - Low-leakage dual switching diode@en-us TSSOP 6-Pin

active
BAS116GWFBAS116GW - Low leakage switching diode@en-us

active
\"logo\"
NXP Semiconductors
BAS116GWJBAS116GW - Low leakage switching diode

transferred
BAS116GWXBAS116GW - Low leakage switching diode

transferred
BAS116H T/R75 V low leakage diode in small SOD123F package - Cd max.: 2 pF; Configuration: single ; IF max: 215 mA; IFSM max: 4 A; IR max: 5@VR=75V nA; IFRM: 500 mA; trr max: 3000 ns; VFmax: 1@IF=10mAcompliant
no
active
\"logo\"
Nexperia
BAS116LS-QYLBAS116LS-Q - Low-leakage diode@en-us

active
BAS116LSYLBAS116LS - Low-leakage diode@en-us

active
\"logo\"
onsemi
BAS116LT175 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL
no
obsolete
BAS116LT1G75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL
yes
active
BAS116LT3G75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 10000-REEL
yes
end_of_life
\"logo\"
NXP Semiconductors
BAS116LYLBAS116L - Low-leakage Diode DFN 2-Pin

transferred
BAS116QAZBAS116QA - Low-leakage diode DFN 3-Pin

transferred
\"logo\"
Nexperia
BAS116T,115BAS116T - Single low leakage current switching diode@en-us SC-75 3-Pin

obsolete
\"logo\"
onsemi
BAS116TT1G75 V Switching Diode, SC-75 (SOT-416) 3 LEAD, 3000-REEL
yes
active

1 2 3 4 5 6 7 8 9 10 .....

");