document.write("
| CAP-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "CAP-R" 結果は : 10 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | CAP120ASANG | ![]() | RELAY CONTACTOR SPST 150A 28V | compliant yes active | ![]() |
| CAP200A1ANA | ![]() | Power/Signal Relay, 1 Form A, SPST-NO, 36VDC (Coil), 500A (Contact), 900VDC (Contact), DC Input, Panel Mount | not_compliant unknown active | ||
| CAP200AAANA | ![]() | CAP200AAANA=RELAY, SPST-NO 12V | not_compliant no active | ![]() | |
| CAP200ADANA | ![]() | Power/Signal Relay, 1 Form A, SPST-NO, 95VDC (Coil), 500A (Contact), 900VDC (Contact), DC Input, Panel Mount | not_compliant unknown active | ||
| CAP200HAANA | ![]() | CAP200HAANA=RELAY, SPST-NO Contact Arrangement:1 Form A, SPST-NO with Aux. Contacts;Contact Current Rating:500 A;Coil Voltage (Max):36 VDC;Coil Voltage Rating:9 – 36 VDC;Coil Termination:Wire 1 Form A, SPST-NO with Aux. Contacts 500 A 36 VDC 9 – | unknown unknown active | ![]() | |
| CAP202ASAND | ![]() | Power/Signal Relay, 2 Form X, DPST-NO, 32VDC (Coil), 300A (Contact), 600VDC (Contact), Panel Mount | unknown unknown active | ||
| CAP202ASBND | ![]() | Power/Signal Relay, 2 Form X, DPST-NO, 28VDC (Coil), 300A (Contact), 600VDC (Contact), DC Input, Panel Mount | unknown unknown active | ||
| CAP202MSAFD | ![]() | Power/Signal Relay, 2 Form X, DPST-NO, 28VDC (Coil), 300A (Contact), 600VDC (Contact), DC Input, Panel Mount | unknown unknown active | ||
| CAP202MSAND | ![]() | Power/Signal Relay, 2 Form X, DPST-NO, 28VDC (Coil), 300A (Contact), 600VDC (Contact), DC Input, Panel Mount | unknown unknown active | ||
| CAP202MSBFD | ![]() | Power/Signal Relay, 2 Form X, DPST-NO, 28VDC (Coil), 300A (Contact), 600VDC (Contact), DC Input, Panel Mount | unknown unknown active |
1 |