document.write("
| CT-5CD-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "CT-5CD-R" 結果は : 4 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() CUI Inc | CT-1205 | ![]() | 12.8 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 87.00000; Operating Temperature (°C): -30.00000, 85.00000; Height (mm): 7.10000; Dimensions LxWxH (in): 0.50, 0.50, 0.28; Dimensions | compliant yes active | ![]() |
| CT-1205-SMT | ![]() | 12.8 mm, 5 V, 87 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzer | compliant yes active | ![]() | |
| CT-1205H | ![]() | 12.8 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 88.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 10.00000; Dimensions LxWxH (in): 0.50, 0.39, 0.50; Dimension | compliant yes active | ![]() | |
| CT-1212CL | ![]() | 12.8 mm Magnetic Sound Transducer, 12 V, Surface Mount, Built-In Driving Circuit; Sound Pressure Level (db): 85.00000; Rated Voltage (Vdc): 12.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 7.10000; Dimensions LxWxH (in): 0 | compliant yes active | ![]() |
1 |