document.write("
| D30-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "D30-R" 結果は : 34 ( 1/2 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D3002 (1462033-5) | ![]() | D3002=FP Relay 140 mW 12 V | compliant yes active | |
| D3004 (1462033-9) | ![]() | D3004=FP RELAY 140 MW 4.5 V | compliant yes active | ||
| D3005 (1-1462033-1) | ![]() | Communications/Signal PC Board Relays; D3005=FP Relay 140 mW 6 V ( Axicom ) | compliant yes active | ![]() | |
| D3006 (1-1462033-3) | ![]() | D3006=FP Relay 140 mW 3 V | compliant yes active | ||
| D3009 (1-1462033-4) | ![]() | D3009=FP RELAY 140 MW 5 V | compliant yes active | ||
| D3010 (2-1462033-1) | ![]() | D3010=FP Relay 140 mW 9 V | compliant yes active | ||
| D3012 (2-1462033-2) | ![]() | D3012=FP Relay 200 mW 24 V | compliant yes active | ||
| D3013 (2-1462033-6) | ![]() | Communications/Signal PC Board Relays; D3013=FP RELAY 300 MW 48 V ( Axicom ) | compliant yes active | ![]() | |
| D3021 (3-1462033-2) | ![]() | D3021=FP Relay 80 mW 3 V | compliant yes active | ||
| D3022 (3-1462033-3) | ![]() | Communications/Signal PC Board Relays; D3022=FP Relay 80 mW 4.5 V ( Axicom ) | compliant yes active | ![]() | |
| D3023 (3-1462033-4) | ![]() | D3023=FP Relay 80 mW 5 V | compliant yes active | ||
| D3024 (3-1462033-5) | ![]() | Communications/Signal PC Board Relays; D3024=FP Relay 80 mW 6 V ( Axicom ) | compliant yes active | ![]() | |
| D3025 (3-1462033-6) | ![]() | D3025=FP Relay 80 mW 9 V | compliant yes active | ||
| D3026 (3-1462033-7) | ![]() | D3026=FP Relay 80 mW 12 V | compliant yes active | ||
| D3027 (3-1462033-8) | ![]() | D3027=FP Relay 140 mW 24 V | compliant yes active | ||
| D3028 (3-1462033-9) | ![]() | Communications/Signal PC Board Relays; D3028=FP Relay 260 mW 48 V ( Axicom ) | compliant yes active | ![]() | |
| D3041 (4-1462033-0) | ![]() | D3041=FP Relay 100 mW 3 V bis | compliant yes active | ||
| D3042 (4-1462033-1) | ![]() | Communications/Signal PC Board Relays; D3042=FP Relay 100 mW 4.5 V b ( Axicom ) | compliant yes active | ![]() | |
| D3043 (4-1462033-2) | ![]() | D3043=FP Relay 100 mW 5 V bis | compliant yes active | ||
| D3044 (4-1462033-3) | ![]() | Communications/Signal PC Board Relays; D3044=FP Relay 100 mW 6 V bis ( Axicom ) | compliant yes active | ![]() |
1 2 |