document.write("
| D47-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "D47-R" 結果は : 7 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D47092-064 | ![]() | GUST-12/70-120/1200-L12 | unknown unknown active | |
| D47092-097 | ![]() | GUST-12/70-120/1200-L12 | unknown unknown active | ||
| D47446-000 | ![]() | MULTIPLE CONDUCTOR CABLE | compliant yes active | ![]() | |
| D475533001 | ![]() | Wire And Cable, 13AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown active | ||
| D47612-000 | ![]() | HEAT SHRINK MARKER SLEEVE | compliant unknown active | ||
| D47690-000 | ![]() | HEAT SHRINK MARKER SLEEVE | compliant unknown active | ||
| D478613001 | ![]() | Wire And Cable, 750V, Flexible Cord And Fixture Wire | compliant unknown active |
1 |