document.write("

FDG-R メーカー
品番検索 : 一致 , 類似&前一致 "FDG-R" 結果は : 29 ( 1/2 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
onsemi
FDG311NN-Channel PowerTrench® MOSFET, 2.5V Specified, 1.9 A, 115 mΩ, 3000-REEL
yes
end_of_life
FDG312PP-Channel PowerTrench® MOSFET, 2.5V Specified, -1.2 A, 180 mΩ, 3000-REEL
yes
end_of_life
FDG313NN-Channel Digital FET 25V, 0.95A, 0.45Ω, 3000-REEL
yes
obsolete
FDG315NN-Channel Logic Level PowerTrench® MOSFET 30 V, 2 A, 120 mΩ, 3000-REEL
yes
end_of_life
FDG316PP-Channel Logic Level PowerTrench® MOSFET -30 V, -1.6 A, 190 mΩ, 3000-REEL
yes
end_of_life
FDG327NN-Channel PowerTrench® MOSFET, 20V, 1.5 A, 90 mΩ, 3000-REEL
yes
end_of_life
FDG327NZ20V N-Channel PowerTrench® MOSFET, 1.5 A, 90 mΩ, 3000-REEL
yes
end_of_life
FDG328PP-Channel 2.5V Specified PowerTrench® MOSFET -20 V, -1.5 A, 145 mΩ, 3000-REEL
yes
end_of_life
FDG330PP-Channel 1.8V Specified PowerTrench® MOSFET -12 V, -2 A, 110 mΩ, 3000-REEL
yes
obsolete
FDG332PZP-Channel PowerTrench® MOSFET -20V, -2.6A, 97mΩ, 3000-REEL
yes
end_of_life
FDG410NZN-Channel PowerTrench® MOSFET 20 V, 2.2 A, 70 mΩ, 3000-REEL
yes
end_of_life
FDG6301N-F085Dual N-Channel Digital FET 25 V, 0.22 A, 4 Ω, SC70 6L, 3000-REEL, Automotive Qualified
yes
end_of_life
FDG6301N-F085PDual N-Channel Digital FET 25 V, 0.22 A, 4 Ω, SC70 6L, 3000-REEL, Automotive Qualified
yes
end_of_life
FDG6303N-F169Dual N-Channel Digital FET 25V, 0.50A, 0.45Ω, 3000-REEL
yes
obsolete
FDG6304P-F169Dual P-Channel Digital FET -25V, 0.41A, 1.1Ω, 3000-REEL
yes
obsolete
FDG6308PDual P-Channel 1.8V Specified PowerTrench® MOSFET -20 V, -0.6 A, 400 mΩ, 3000-REEL
yes
end_of_life
FDG6316PP-Channel 1.8V Specified PowerTrench® MOSFET -12V, -0.7 A, 270 mΩ, 3000-REEL
yes
lifetime_buy
FDG6317NZDual 20V N-Channel PowerTrench® MOSFET, 0.7 A, 400 mΩ, 3000-REEL
yes
active
FDG6318PDual P-Channel, Digital FET -20 V, -0.5 A, 780 mΩ, 3000-REEL
yes
obsolete
FDG6318PZDual P-Channel, Digital FET -20 V, -0.5 A, 780 mΩ, 3000-REEL
yes
end_of_life

1 2

");