document.write("
| FDW-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "FDW-R" 結果は : 14 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | FDWS5360L-F085 | ![]() | N-Channel Power Trench® MOSFET 60V, 60A, 8.5mΩ, 3000-REEL, Automotive Qualified | yes obsolete | ![]() |
| FDWS86068-F085 | ![]() | N-Channel PowerTrench® MOSFET 100V, 80A, 4.5mΩ, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| FDWS86368-F085 | ![]() | N-Channel PowerTrench® MOSFET 80V, 80A, 4.5mΩ, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| FDWS86368-F085H | ![]() | N-Channel PowerTrench® MOSFET 80V, 80A, 4.5mΩ DFNW8 5.2x6.3, 1.27P (Pb−Free), 3000-REEL, Automotive Qualified | yes active | ![]() | |
| FDWS86369-F085 | ![]() | N-Channel PowerTrench® MOSFET 80V, 65A, 7.5mΩ, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| FDWS86380-F085 | ![]() | N-Channel PowerTrench® MOSFET 80V, 50A, 13.4mΩ, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| FDWS86380_F085 | ![]() | 80 V N-Channel PowerTrench® MOSFET, 6000-TAPE REEL | Y active | ||
| FDWS9408-F085 | ![]() | N-Channel PowerTrench® MOSFET 40V, 80A, 1.8mΩ, 3000-REEL, Automotive Qualified | yes obsolete | ![]() | |
| FDWS9420-F085 | ![]() | N-Channel PowerTrench® MOSFET 40V, 20A, 5.8mΩ, PQFN 5X6 8L, 3000-REEL, Automotive Qualified | yes end_of_life | ![]() | |
| FDWS9508L-F085 | ![]() | P-Channel PowerTrench® MOSFET -40V, -80A, 4.9mΩ, 3000-REEL, Automotive Qualified | yes lifetime_buy | ![]() | |
| FDWS9509L-F085 | ![]() | P-Channel Logic Level Power Trench® MOSFET -40V, -65A, 8mΩ P-Channel Logic Level Power Trench® MOSFET, 3000-REEL, Automotive Qualified | yes not_recommended | ![]() | |
| FDWS9510L-F085 | ![]() | P-Channel Logic Level Power Trench® MOSFET -40V, -50A, 13.5mΩ P-Channel Logic Level Power Trench® MOSFET -40V, -50A, 13.5mΩ, 3000-REEL, Automotive Qualified | yes end_of_life | ![]() | |
| FDWS9511L-F085 | ![]() | P-Channel Logic Level Power Trench® MOSFET -40V, -30A, 20.5mΩ, 3000-REEL, Automotive Qualified | yes end_of_life | ![]() | |
| FDWS9520L-F085 | ![]() | Dual P-Channel PowerTrench® MOSFET - 40 V, - 20 A, 12.5 mΩ, 3000-REEL, Automotive Qualified | yes end_of_life | ![]() |
1 |