document.write("
| LD10-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "LD10-R" 結果は : 27 ( 1/2 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | LD1084V | ![]() | 5 A low-drop positive voltage regulator adjustable | compliant active | |
| LD1085D2M-R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085D2M18R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085D2M25R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085D2M33R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085D2T-R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085D2T33R | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085P | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant obsolete | ||
| LD1085V | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1085V50 | ![]() | 3 A low drop positive voltage regulator: adjustable and fixed | compliant active | ||
| LD1086BDTTR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086BV-DG | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2M33TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2MTR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2T18TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2T33TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2T50TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086D2TTR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086DT18TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active | ||
| LD1086DT33TR | ![]() | 1.5 A adjustable and fixed low drop positive voltage regulator | compliant active |
1 2 |