document.write("
| MMT175 メーカー |
| 品番検索 : 一致 , 類似&前一致 "MMT175" 結果は : 12 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | MMT05B230T3 | ![]() | Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | no obsolete | ![]() |
| MMT05B230T3G | ![]() | Thyristor Surge Protection Device - TSPD 230 V, 50 A, SMB, 2500-REEL | yes obsolete | ![]() | |
| MMT05B260T3 | ![]() | Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | no obsolete | ![]() | |
| MMT05B260T3G | ![]() | Thyristor Surge Protection Device - TSPD 260 V, 50 A, SMB, 2500-REEL | yes obsolete | ![]() | |
| MMT05B310T3 | ![]() | Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | no obsolete | ![]() | |
| MMT05B310T3G | ![]() | Thyristor Surge Protection Device - TSPD 310 V, 50 A, SMB, 2500-REEL | yes obsolete | ![]() | |
| MMT05B350T3 | ![]() | Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | no obsolete | ![]() | |
| MMT05B350T3G | ![]() | Thyristor Surge Protection Device - TSPD 350 V, 50 A, SMB, 2500-REEL | yes obsolete | ![]() | |
| MMT08B064T3G | ![]() | 64 V, 80 A Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | yes obsolete | ![]() | |
| MMT08B310T3 | ![]() | 310 V, 80 A Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | no obsolete | ![]() | |
| MMT08B310T3G | ![]() | 310 V, 80 A Thyristor Surge Protection Device - TSPD, SMB, 2500-REEL | yes contact_manufacturer | ![]() | |
![]() Freescale Semiconductor | MMT20303HT1 | ![]() | Digital Step Attenuator, 50-4000 MHz, 3 Bit, 1 dB LSB | compliant yes active |
1 |