document.write("
| R-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "R-R" 結果は : 5 ( 1/1 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | R-REF01-HB (21000330) | ![]() | Reference Design; Out-V: 0; Isolation: 2.5kV; Package: open Frame; Short Circuit Protec: No; Length: 90 mm; Width: 60 mm; Height: 51 mm; Packaging Type: Cardboard Box | unknown no active | |
| R-REF02-78S (21000331) | ![]() | Reference Design; In-V: 0.65-3.15; Out-V: 3.3; In V MIN: 0.65; In V MAX: 3.14999999999999; Out V MIN: 3.29999999999999; Out V MAX: 3.29999999999999; Out-mA: 100; Output: single; Power Watts or Amps: 0.1A; Package: open Frame; Short Circuit Protec: No; Len | unknown no active | ||
| R-REF03-CAN1 (21000355) | ![]() | Reference Design; In-V: 3.3; Out-V: 05; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 120; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: open Frame; Short Circuit Protec: No; Length: 81.28 mm; Width: 4 | unknown no active | ||
| R-REF04-RIA12-1 (21000356) | ![]() | Reference Design; In-V: 40-160; Out-V: 0; In V MIN: 40; In V MAX: 160; Package: open Frame; Short Circuit Protec: No; Length: 185 mm; Width: 120 mm; Height: 45 mm; Packaging Type: Cardboard Box | unknown no active | ||
| R-REF04-RIA12-2 (21000357) | ![]() | Reference Design; In-V: 12-75; Out-V: 0; In V MIN: 12; In V MAX: 75; Package: open Frame; Short Circuit Protec: No; Length: 185 mm; Width: 120 mm; Height: 45 mm; Packaging Type: Cardboard Box | unknown no active |
1 |