document.write("
| R2425-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "R2425-R" 結果は : 192 ( 1/10 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | R24-100B (81000006) | ![]() | Regulated DC/DC Converter; In-V: 24; Out-V: 105; In V MIN: 21; In V MAX: 27; Out V MIN: 56; Out V MAX: 135; Out-mA: 50; Isolation: 3kV; Output: single; Power Watts or Amps: 5W; Package: DIP24; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 100; L | compliant yes active | |
| R24-150B (81000009) | ![]() | Regulated DC/DC Converter; In-V: 24; Out-V: 159; In V MIN: 21; In V MAX: 27; Out V MIN: 92; Out V MAX: 200; Out-mA: 50; Isolation: 3kV; Output: single; Power Watts or Amps: 5W; Package: DIP24; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 150; L | compliant yes active | ||
| R24P05D (10014050) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC | compliant yes active | ||
| R24P05D/P (10014049) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC | compliant yes active | ||
| R24P05D/P/R6.4 (19900551) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Le | compliant yes active | ||
| R24P05D/P/R8 (19900600) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 8kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| R24P05D/R6.4 (19900526) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Len | compliant yes active | ||
| R24P05D/R8 (19900575) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 8kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| R24P05S (10003920) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC O | compliant yes active | ||
| R24P05S/P (10004620) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC | compliant yes active | ||
| R24P05S/P/R6.4 (19900377) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Len | compliant yes active | ||
| R24P05S/P/R8 (19900476) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| R24P05S/P/X2 (10016419) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC | compliant yes active | ||
| R24P05S/P/X2/R6.4 (19900402) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Len | compliant yes active | ||
| R24P05S/P/X2/R8 (19900501) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| R24P05S/R6.4 (10901724) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| R24P05S/R8 (19900426) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active | ||
| R24P05S/X2 (10016304) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 21.6; In V MAX: 26.3999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC O | compliant yes active | ||
| R24P05S/X2/R6.4 (19900352) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| R24P05S/X2/R8 (19900451) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active |
1 2 3 4 5 6 7 8 9 10 |