document.write("
| RCD-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "RCD-R" 結果は : 87 ( 1/5 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RCD-24-0.30 (80099201) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Height: | compliant yes active | |
| RCD-24-0.30/PL/A (81000035) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 31 mm; Width: 11.4 mm; Hei | compliant yes active | ||
| RCD-24-0.30/PL/A-R (81000038) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 31 mm; Width: 11.4 mm; Hei | compliant yes active | ||
| RCD-24-0.30/PL/B (81000043) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 31 mm; Width: 11.4 mm; Hei | compliant yes active | ||
| RCD-24-0.30/PL/B-R (81000046) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 31 mm; Width: 11.4 mm; Hei | compliant yes active | ||
| RCD-24-0.30/SMD/OF | ![]() | CONV DC/DC 2A 6.5-18VIN 3.0-5.5V | unknown unknown active | ||
| RCD-24-0.30/Vref (19900852) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Height: | compliant yes active | ||
| RCD-24-0.30/W (80000037) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Hei | compliant yes active | ||
| RCD-24-0.30/W/Vref (81000022) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Hei | compliant yes active | ||
| RCD-24-0.30/W/X1 (80999178) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Hei | compliant yes active | ||
| RCD-24-0.30/W/X2 (80999179) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Hei | compliant yes active | ||
| RCD-24-0.30/W/X3 (80999189) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-300; Output: single; Power Watts or Amps: 0.3A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.3; Length: 22.1 mm; Width: 12.6 mm; Hei | compliant yes active | ||
| RCD-24-0.35 (80099185) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 22.1 mm; Width: 12.6 mm; Height | compliant yes active | ||
| RCD-24-0.35/PL/A (81000016) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 31 mm; Width: 11.4 mm; H | compliant yes active | ||
| RCD-24-0.35/PL/A-R (81000039) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 31 mm; Width: 11.4 mm; H | compliant yes active | ||
| RCD-24-0.35/PL/B (81000018) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 31 mm; Width: 11.4 mm; H | compliant yes active | ||
| RCD-24-0.35/PL/B-R (81000047) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 31 mm; Width: 11.4 mm; H | compliant yes active | ||
| RCD-24-0.35/SMD/OF | ![]() | LED DRVR CONST .35A 2-35VOUT SMD | unknown unknown active | ||
| RCD-24-0.35/Vref (81000012) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 22.1 mm; Width: 12.6 mm; Height | compliant yes active | ||
| RCD-24-0.35/W (80099186) | ![]() | LED Driver; In-V: 4.5-36; Out-V: 2-35; In V MIN: 4.5; In V MAX: 36; Out V MIN: 2; Out V MAX: 35; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 22.1 mm; Width: 12.6 mm; H | compliant yes active |
1 2 3 4 5 |