document.write("

RO-R メーカー
品番検索 : 一致 , 類似&前一致 "RO-R" 結果は : 212 ( 1/11 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RO-0505S (10000589)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RO-0505S/E (10016221)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1compliant
yes
active
RO-0505S/EH (10016225)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1compliant
yes
active
RO-0505S/EHP (10016233)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RO-0505S/EP (10016229)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RO-0505S/H (10001779)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RO-0505S/HP (10004243)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RO-0505S/P (10003342)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RO-0509S (10000590)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RO-0509S/H (10001780)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RO-0509S/HP (10011823)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RO-0509S/P (10003411)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RO-051.8SECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RO-051.8S/HECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RO-051.8S/HPECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RO-051.8S/PECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RO-0512S (10000591)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lencompliant
yes
active
RO-0512S/H (10001781)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lencompliant
yes
active
RO-0512S/HP (10011822)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RO-0512S/P (10003434)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active

1 2 3 4 5 6 7 8 9 10 .....

");