document.write("
| STU-R メーカー |
| 品番検索 : 一致 , 類似&前一致 "STU-R" 結果は : 68 ( 1/4 Page) |
| メーカー | 部品番号 | データシート Date Size | 部品情報 | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | STU10NM60N | ![]() | N-channel 600 V, 0.53 Ohm typ., 10 A, MDmesh II Power MOSFET in IPAK package | compliant not_recommended | |
| STU11N65M2 | ![]() | N-channel 650 V, 0.60 Ohm typ., 7 A MDmesh M2 Power MOSFET in IPAK package | compliant not_recommended | ||
| STU13005N | ![]() | High voltage fast-switching NPN power transistor | contact_manufacturer active | ||
| STU13N60M2 | ![]() | N-channel 600 V, 0.35 Ohm typ., 11 A MDmesh M2 Power MOSFET in IPAK package | contact_manufacturer active | ||
| STU13NM60N | ![]() | N-channel 600 V, 280 mOhm typ., 11 A MDmesh II Power MOSFET in an IPAK package | contact_manufacturer not_recommended | ||
| STU16N65M2 | ![]() | N-channel 650 V, 0.32 Ohm typ., 11 A MDmesh M2 Power MOSFET in IPAK package | contact_manufacturer active | ||
| STU2N105K5 | ![]() | N-channel 1050 V, 6 Ohm typ., 1.5 A MDmesh K5 Power MOSFET in IPAK package | contact_manufacturer active | ||
| STU2N62K3 | ![]() | N-channel 620 V, 3 Ohm, 2.2 A, IPAK SuperMESH3(TM) Power MOSFET | compliant active | ||
| STU2N80K5 | ![]() | N-channel 800 V, 3.5 Ohm typ., 2 A MDmesh K5 Power MOSFET in an IPAK package | compliant active | ||
| STU2N95K5 | ![]() | N-channel 950 V, 4.2 Ohm typ., 2 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package | contact_manufacturer active | ||
| STU2NK100Z | ![]() | N-channel 1000 V, 6.25 Ohm typ., 1.85 A, Zener-protected SuperMESH Power MOSFET in IPAK package | compliant active | ||
| STU3LN80K5 | ![]() | N-channel 800 V, 2.75 Ohm typ., 2 A MDmesh K5 Power MOSFET in an IPAK package | contact_manufacturer active | ||
| STU3N45K3 | ![]() | N-channel 450 V, 3.2 Ohm, 1.8 A, IPAK SuperMESH3(TM) Power MOSFET | compliant active | ||
| STU3N62K3 | ![]() | N-channel 620 V, 2.2 Ohm typ., 2.7 A SuperMESH3(TM) Power MOSFET in IPAK package | compliant not_recommended | ||
| STU3N65M6 | ![]() | N-channel 650 V, 1.4 Ohm typ., 3.5 A MDmesh M6 Power MOSFET in an IPAK package | compliant active | ||
| STU3N80K5 | ![]() | N-channel 800 V, 2.8 Ohm typ., 2.5 A MDmesh K5 Power MOSFET in an IPAK package | compliant not_recommended | ||
| STU4N52K3 | ![]() | N-channel 525 V, 2.5 A, 2.1 Ohm typ., SuperMESH3(TM) Power MOSFET in IPAK package | compliant active | ||
| STU4N62K3 | ![]() | N-channel 620 V, 1.7 Ohm typ., 3.8 A, SuperMESH3(TM) Power MOSFET in IPAK package | compliant active | ||
| STU4N80K5 | ![]() | N-channel 800 V, 2.1 Ohm typ., 3 A MDmesh K5 Power MOSFET in IPAK package | compliant not_recommended | ||
| STU5N60M2 | ![]() | N-channel 600 V, 1.3 Ohm typ., 3.5 A MDmesh M2 Power MOSFET in IPAK package | contact_manufacturer not_recommended |
1 2 3 4 |