document.write("

VFST-R メーカー
品番検索 : 一致 , 類似&前一致 "VFST-R" 結果は : 3 ( 1/1 Page)
メーカー部品番号データシート
Date
Size
部品情報Rohs
Pb Free
Lifecycle
Direct Link
\"logo\"
CUI Inc
VFSD1-S12-S3.3-SIP1W, 3.3V, 300mA, single unregulated output, high isolation DC-DC converter; Power (W): 1.00000; Input Voltage Range (Vdc): 10.80000, 13.20000; Output Voltage (Vdc): 3.30000; Output Current (A): 0.30000; Number of Outputs: 1; Nominal Input Voltage (Vdcompliant
yes
obsolete
VFSD1-S24-S3.3-SIP1W, 3.3V, 300mA, single unregulated output, high isolation DC-DC converter; Power (W): 1.00000; Input Voltage Range (Vdc): 21.60000, 26.40000; Output Voltage (Vdc): 3.30000; Output Current (A): 0.30000; Number of Outputs: 1; Nominal Input Voltage (Vdcompliant
yes
obsolete
VFSD1-S5-S3.3-SIP1W, 3.3V, 300mA, single unregulated output, high isolation DC-DC converter; Power (W): 1.00000; Input Voltage Range (Vdc): 4.50000, 5.50000; Output Voltage (Vdc): 3.30000; Output Current (A): 0.30000; Number of Outputs: 1; Nominal Input Voltage (Vdc)compliant
yes
active

1

");