データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -0206-R

  • AI
    The part designation **0206-R** typically refers to a standard high-precision, thin-film MELF (Metal Electrode Leadless Face) resistor. These components are favored in professional electronics for their stability and reliability compared to standard thick-film chip resistors. --- ### 1. Key Technical Specifications The "0206" refers to the physical size (metric dimensions), while the "R" often signifies the resistance value or a specific tolerance/packaging code depending on the manufacturer (like Vishay or TE Connectivity). | Feature | Specification (Typical) | | :--- | :--- | | **Package Style** | MELF (Cylindrical) | | **Case Size** | 0206 (Length: 3.3mm, Diameter: 1.5mm) | | **Power Rating** | 0.125W to 0.4W (depending on series) | | **Voltage Rating** | Up to 200V | | **Technology** | Metal Film / Thin Film | | **Tolerance** | Usually ±1% or ±0.5% | --- ### 2. Physical Characteristics Unlike rectangular SMD resistors (like 0805 or 1206), the 0206-R MELF resistor is **cylindrical**. * **Mounting:** Surface Mount Device (SMD). * **Durability:** The cylindrical shape provides superior heat dissipation and structural integrity under mechanical stress or vibration. * **Terminations:** Pure tin plating over a nickel barrier layer to prevent "silver migration." --- ### 3. Advantages of MELF 0206-R Why engineers choose 0206-R over standard flat chips: 1. **Lower Noise:** Thin-film construction results in significantly lower current noise. 2. **High Stability:** Excellent long-term stability (low drift) even under harsh environmental conditions (moisture, heat). 3. **Pulse Loading:** Better able to handle high-energy pulses due to the larger effective resistive film area compared to flat chips. 4. **TCR:** Low Temperature Coefficient of Resistance (typically 50 ppm/K or lower), meaning the resistance stays consistent as temperatures change. --- ### 4. Common Applications * **Automotive Electronics:** Engine control units and safety systems. * **Industrial:** Power supplies, measurement instrumentation, and sensor interfaces. * **Telecommunications:** Base stations and high-frequency switching equipment. * **Medical:** Diagnostic equipment requiring high precision. --- ### 5. Identification Example If the full part number is something like **MMA 0204-50 1K0 1% R** (where 0206 is often confused with the 0204/0207 MELF standards): * **0206/0204:** Denotes physical dimensions. * **R:** Often indicates "Tape and Reel" packaging or "RoHS Compliant" depending on the datasheet's suffix definitions.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between MELF and standard SMD chip resistors?
    • ⤷ Which manufacturers are the primary producers of 0206 size resistors?
    • ⤷ How do I calculate the power derating for a 0206-R resistor at high temperatures?