データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -111-R

  • AI
    The designation **"111-R"** is most commonly associated with **Surface Mount Device (SMD) resistors** or specific **potentiometer/trimmer** components. Depending on the context, "111-R" typically refers to the resistance value or a specific manufacturer part series. --- ### 1. Resistance Value Interpretation In the electronics industry, "111" is a standard marking code used to denote the resistance value. | Code | Interpretation | Calculation | Result | | :--- | :--- | :--- | :--- | | **111** | First two digits are significant; third is the multiplier | $11 \times 10^1$ | **110 Ohms ($\Omega$)** | | **-R** | Suffix indicating tolerance or packaging | R = Reel (Packaging) or $\pm$ % Tolerance | Variable | --- ### 2. Common Component Types The "111-R" string is frequently found in the following categories: #### A. SMD Resistors (110 Ohm) Standard thick-film or thin-film resistors often use this marking. * **Size:** Common sizes include 0603, 0805, or 1206. * **Function:** Used for current limiting in LED circuits or as termination resistors in signal lines. #### B. Trimmer Potentiometers (Bourns / generic) Many manufacturers (like Bourns or Vishay) use "111" as a value code for variable resistors. * **Value:** 110 Ohms. * **The "R" Suffix:** Often indicates the orientation of the adjustment screw (e.g., Top-adjust vs. Side-adjust) or compliance with RoHS standards. #### C. Connector/Hardware Series In some instances, "111-R" refers to a specific series of mechanical electronic parts: * **D-Sub Connectors:** High-density connectors sometimes use this as a sub-series identifier. * **Battery Clips:** Keystone or similar hardware manufacturers use numeric series like 111-R for specific spring-leaf battery contacts. --- ### 3. Technical Specifications (General) If you are looking at a **110 Ohm Resistor (111)**, the typical specifications are: ```yaml Component: Fixed Resistor Code: 111 Resistance: 110 Ω Common Tolerance: ±1% (F) or ±5% (J) Power Rating: 1/10W to 1/4W (Size dependent) Temperature Coefficient: ±100ppm/°C ``` --- ### Identifying your Specific Part To be 100% certain which part you have, check the following: 1. **Body Color:** Blue usually indicates metal film (high precision); Beige/Green usually indicates carbon film. 2. **Mounting:** Is it "Through-hole" (has legs) or "SMD" (flat chip)? 3. **Logo:** Look for a small stylized letter (e.g., 'B' for Bourns, 'K' for Kemet) to identify the manufacturer.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific brand like Bourns or Murata?
    • ⤷ Is this part a surface mount (SMD) chip or a component with wires/leads?
    • ⤷ What is the physical size of the component you are looking at?