データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -1156-R

  • AI
    The term **1156-R** typically refers to a specific type of **LED (Light Emitting Diode) bulb** commonly used in automotive and industrial signaling. The "1156" designates the base and electrical configuration, while the "-R" suffix indicates the color **Red**. --- ## 1. Technical Specifications The 1156-R is defined by its single-contact base and high-intensity output. | Feature | Specification | | :--- | :--- | | **Base Type** | BA15s (Single Contact, Level Pins) | | **Color** | Red (620nm - 630nm wavelength) | | **Voltage Range** | Typically 12V DC (Automotive) or 24V DC (Trucks/Industrial) | | **Circuitry** | Single Intensity (On/Off) | | **Bayonet Diameter** | 15mm | --- ## 2. Internal Electronic Components An 1156-R LED bulb is more complex than a standard filament bulb. It contains several key electronic parts: ### A. The LED Chips (SMD) Modern 1156-R bulbs use **Surface Mount Device (SMD)** chips. * **Common types:** 5050, 2835, or 3030 SMDs. * **Function:** Converts electrical energy directly into red light. ### B. Constant Current Driver Unlike incandescent bulbs, LEDs require a regulated power supply. * **Function:** Protects the LEDs from voltage spikes (load dumping) common in vehicle alternators. * **Benefit:** Ensures consistent brightness regardless of battery fluctuations. ### C. Bridge Rectifier * **Function:** Allows the bulb to be "non-polarity sensitive." It ensures the bulb works regardless of which way the positive and negative wires are connected to the socket. ### D. Resistors (CAN-Bus) * **Function:** Many 1156-R bulbs include "CAN-Bus" resistors to mimic the power draw of a traditional 21W bulb. * **Purpose:** Prevents "Hyper-flashing" or "Bulb Out" dashboard errors in modern vehicles. --- ## 3. Physical Layout The **BA15s** base used by the 1156-R has specific physical characteristics: * **Single Bottom Contact:** Only one positive terminal at the base. * **Side Casing:** Acts as the negative (ground) terminal. * **Parallel Pins:** The two locking pins on the side are at the same height (180° apart). --- ## 4. Common Applications * **Tail Lights:** Used when the lens is clear but red light is required. * **Rear Fog Lights:** High-intensity red signaling for low visibility. * **Brake Lights:** For vehicles that use separate bulbs for turn signals and braking. * **Industrial Indicators:** Status lights in factory machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 1156-R and an 1157-R bulb?
    • ⤷ Why do 1156-R LED bulbs sometimes flash too fast in older cars?
    • ⤷ Can an 1156-R bulb be used in a 24V marine system?