データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -1753-R2

  • AI
    The **1753-R2** is a specialized hardware component primarily used in industrial automation, specifically within the **Allen-Bradley / Rockwell Automation GuardPLC 1200** series. It is a **Relay Output Plug-in Module** designed for safety-critical applications. --- ## 1. Core Technical Specifications The 1753-R2 acts as an interface between the low-voltage logic of a controller and higher-power industrial loads. | Feature | Specification | | :--- | :--- | | **Component Type** | Relay Output Plug-in Module | | **Number of Outputs** | 2 Isolated Channels | | **Contact Type** | Normally Open (N.O.) - Form A | | **Switching Voltage** | 5V DC to 250V AC / 30V DC | | **Current Rating** | 2.0 Amps per point | | **Isolation** | 250V (Continuous) | --- ## 2. Key Electronic Parts and Design Internally, the 1753-R2 is built to ensure high reliability and safety compliance. ### A. Electromechanical Relays Unlike solid-state outputs, the 1753-R2 uses physical relays. This provides: * **Galvanic Isolation:** Physical separation between the control logic and the high-voltage load. * **Low Resistance:** Minimal voltage drop across the contacts compared to transistors. ### B. Feedback and Diagnostics The module is designed for **Safety Integrity Level (SIL)** environments. It includes: * **Status LEDs:** Visual indicators for module health and output state. * **Internal Sensing:** Circuitry that monitors the health of the relay coils to ensure they actuate when commanded. ### C. Protection Circuitry To handle the "noisy" environment of an industrial control cabinet, the electronic board typically includes: * **Snubber Circuits:** To suppress electrical arcs when switching inductive loads (like motors or solenoids). * **Optical Isolation:** Separating the internal data bus of the GuardPLC from the relay drive signals to prevent electromagnetic interference (EMI). --- ## 3. Application Use Cases Because it is part of the **GuardPLC** family, the 1753-R2 is used where functional safety is required: 1. **Emergency Stop (E-Stop):** Breaking power to a motor when a safety button is pressed. 2. **Safety Gates:** Controlling locks or power to machinery when a guard is opened. 3. **Light Curtains:** Interfacing safety light signals with physical power disconnects. --- ## 4. Wiring and Installation The module is a "Plug-in" type, meaning it inserts directly into a slot on a compatible GuardPLC base unit. * **Terminal Connections:** Features screw-type or spring-clamp terminals for field wiring. * **Redundancy:** In high-safety applications, these relays are often used in pairs to ensure that if one contact welds shut, the second can still break the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the specific SIL ratings for the 1753-R2 in a safety circuit?
    • ⤷ How does the 1753-R2 compare to the solid-state 1753-OB8 output module?
    • ⤷ What are the recommended snubber types for inductive loads with this relay?