データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -2E1-R

  • AI
    The term **2E1-R** typically refers to a specific type of **Metal Oxide Varistor (MOV)**, often manufactured by companies like **Thinking Electronic Industrial (TKS)**. These are passive components used primarily for voltage surge protection in electronic circuits. ### 1. Technical Overview A varistor is a voltage-dependent resistor with a non-linear variable resistance. The "2E1" series usually denotes a specific voltage rating or physical size depending on the manufacturer's prefix (often related to **7mm, 10mm, or 14mm** disks). | Feature | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Material** | Zinc Oxide (ZnO) | | **Function** | Transient Voltage Suppression (TVS) | | **Mounting Type** | Through-hole (Radial Leads) | | **Suffix "-R"** | Typically indicates **RoHS Compliance** (Lead-free) | --- ### 2. How it Works The 2E1-R acts as a "safety valve" for electricity: 1. **Normal Operation:** Under standard operating voltage, the varistor has high resistance and acts as an open circuit. 2. **Surge Event:** When a high-voltage spike (like lightning or an inductive load kick) occurs, the resistance drops instantly. 3. **Clamping:** It shunts the excess current to the ground, clamping the voltage to a safe level to protect sensitive downstream components. --- ### 3. Key Specifications While exact values depend on the full part number (e.g., TVR10221-R), the "2E1" classification generally falls under these parameters: * **Varistor Voltage:** Usually indicated by the middle digits (e.g., "221" = 220V). * **Energy Absorption:** Measured in Joules (J). It determines how much energy the part can dissipate before failing. * **Peak Current:** Measured in Amperes (A). The maximum pulse current the part can handle (8/20μs wave). * **Capacitance:** MOVs have inherent capacitance, which is important in high-speed data line applications. --- ### 4. Common Applications The 2E1-R series is widely used in: * **Power Supplies:** Protecting AC input stages. * **Consumer Electronics:** TVs, PCs, and chargers. * **Industrial Equipment:** Motor controllers and PLC protection. * **Telecommunications:** Protection against atmospheric transients. --- ### 5. Identification Example If the part belongs to the **Thinking (TKS)** TVR series: ```text TVR 10 221 K S Y - R | | | | | | | Series Size Voltage Tolerance Shape Packaging RoHS ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Varistor (MOV) and a TVS Diode?
    • ⤷ How do I choose the correct voltage rating for a 2E1-R varistor?
    • ⤷ What are the signs that a 2E1-R varistor has failed in a circuit?