データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -3SLN-R

  • AI
    The **3SLN-R** is a specific electronic component typically identified as a **Surface Mount (SMT) Low-Profile Tactile Switch** or a specific **LED/Indicator component** depending on the manufacturer prefix (often associated with brands like Diptronics or similar switch manufacturers). Below is a breakdown of its technical specifications, construction, and typical use cases. --- ## 1. Technical Specifications The "3SLN-R" series usually refers to a sub-miniature tactile switch designed for high-density mounting on Printed Circuit Boards (PCBs). | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Style** | Surface Mount (SMT / SMD) | | **Actuation Force** | 160gf to 260gf (Grams-force) | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | 100mΩ Max | | **Operating Life** | 50,000 to 100,000 cycles | | **Operating Temperature** | -25°C to +70°C | --- ## 2. Structural Components The "3SLN-R" is comprised of several precision-engineered layers: ### A. The Actuator (Stem) The top part that the user presses. In the "3SLN" series, this is often a low-profile plastic or silicon stem designed to provide a crisp "click" feedback. ### B. Metal Dome (Contact Plate) The internal mechanism made of stainless steel. When pressed, it collapses to complete the circuit and springs back when released. This provides the tactile sensation. ### C. Housing & Base Made of high-temperature thermoplastic (such as LCP or Nylon) to withstand the **Reflow Soldering** process, indicated by the **"-R"** suffix (often denoting "RoHS compliant" or "Reel" packaging for automated assembly). --- ## 3. Part Number Decoding While specific manufacturers vary, the suffixing usually follows this logic: * **3:** Series size (often 3.5mm x 6mm or similar small footprint). * **SL:** Low Profile / Side Lead configuration. * **N:** No Ground Pin (Standard 2-pin or 4-pin layout). * **-R:** RoHS Compliant / Tape and Reel Packaging. --- ## 4. Typical Applications Due to its small footprint and durability, this part is commonly found in: 1. **Consumer Electronics:** Volume buttons on smartphones or tablets. 2. **Wearables:** Smartwatches and fitness trackers. 3. **Medical Devices:** Handheld diagnostic tools. 4. **Computing:** Reset switches on motherboards or peripherals. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 3SLN-R footprint?
    • ⤷ Can this component be hand-soldered or is reflow soldering required?
    • ⤷ What are the alternatives if the 3SLN-R is out of stock?