データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -4-N-R

  • AI
    ### Understanding the 4-N-R Component (4N25 - 4N35 Series) In electronic components, the prefix **"4-N"** typically refers to a standard series of **Optocouplers** (also known as Opto-isolators). These are essential components used to transfer electrical signals between two isolated circuits using light. --- ### 1. What is a 4N Optocoupler? An optocoupler consists of an infrared LED and a photosensitive device (usually a phototransistor) encapsulated in a single package. It allows for signal transmission without a physical electrical connection, protecting sensitive low-voltage components from high-voltage spikes. ### 2. Common Parts in the Series The most frequent variations encountered are the **4N25, 4N26, 4N33, and 4N35**. | Part Number | Type | Main Feature | | :--- | :--- | :--- | | **4N25** | Phototransistor Output | General purpose, standard isolation. | | **4N33** | Photo-Darlington Output | High gain (sensitivity), slower speed. | | **4N35** | Phototransistor Output | Higher isolation voltage and tighter specs. | --- ### 3. Pinout Configuration (Standard 6-Pin DIP) Most 4N series components follow a standard 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Anode | Positive terminal of the internal LED. | | **2** | Cathode | Negative terminal of the internal LED. | | **3** | NC | No internal connection. | | **4** | Emitter | Emitter of the phototransistor. | | **5** | Collector | Collector of the phototransistor. | | **6** | Base | Base of the phototransistor (often left floating). | --- ### 4. Key Technical Specifications To use these parts correctly in a circuit, you must monitor several parameters: * **Isolation Voltage ($V_{ISO}$):** Usually rated between 2500V to 7500V RMS. * **Current Transfer Ratio (CTR):** The ratio of output current to input current (expressed as a percentage). * **Forward Voltage ($V_F$):** Typically 1.2V to 1.5V for the input LED. * **Maximum Collector Current ($I_C$):** Usually around 50mA to 100mA. --- ### 5. Common Applications 1. **Microcontroller Isolation:** Protecting an Arduino or ESP32 from high-voltage DC/AC motors. 2. **Switching Power Supplies:** Providing feedback from the output side to the input controller while maintaining isolation. 3. **Ground Loop Elimination:** Preventing noise interference between two circuits with different ground potentials. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard phototransistor and a Darlington output optocoupler?
    • ⤷ How do I calculate the resistor value for the input LED of a 4N35?
    • ⤷ Can a 4N25 be used to switch AC loads directly?