データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -42VN-R

  • AI
    The **42VN-R** is a specific model designation commonly associated with **HVAC Control Boards** (specifically for Carrier, Bryant, and Payne units) or, in some contexts, **NTC Thermistor sensors**. Based on electronic components standards, it most frequently refers to the **Carrier/Bryant 42VN-R High-Voltage Interface Board** or a specific thermal resistor. Below is a breakdown of the electronic parts and functions associated with this component. --- ### 1. Technical Specifications The 42VN-R acts as a relay or interface between the low-voltage thermostat signals and high-voltage motor/compressor components. | Component Feature | Description | | :--- | :--- | | **Input Voltage** | 24V AC (Control Side) | | **Output Voltage** | 115V / 230V AC (Load Side) | | **Circuit Protection** | Integrated Fuse (usually 3A or 5A) | | **Mounting** | Plastic standoff or DIN-rail compatible | | **Relay Type** | Electromechanical SPST or SPDT | --- ### 2. Key Electronic Parts on the Board If you are inspecting or repairing a 42VN-R board, you will encounter the following internal components: #### A. Relays (The "Switches") * **Function:** These are the black rectangular boxes on the board. They use a small 24V signal to bridge a high-voltage connection for fans or heaters. * **Failure Sign:** Clicking sounds without power delivery or "welded" contacts (always on). #### B. Step-Down Transformer Interface * **Function:** While the transformer is usually external, the board contains pins to route 24V power to the logic gates. #### C. MOV (Metal Oxide Varistor) * **Function:** Usually a disk-shaped component (blue or radial) that protects the board from voltage surges or lightning strikes. * **Failure Sign:** Charring or a "burnt" smell after a power surge. #### D. Terminal Blocks * **Function:** Screw terminals or spade connectors labeled **R, C, Y, W, G**. * **Wiring:** * **R/C:** 24V Power supply. * **Y:** Compressor cooling. * **W:** Heating. * **G:** Indoor Fan. --- ### 3. Usage Contexts Depending on the manufacturer, the 42VN-R code is used in two primary ways: 1. **Fan Coil Units (FCU):** It serves as the main controller for multi-speed fan motors in commercial air handlers. 2. **Thermistor Assemblies:** In some electronic catalogs, "42VN" refers to a **Negative Temperature Coefficient (NTC)** thermistor used for liquid line temperature sensing. --- ### 4. Troubleshooting Guide | Issue | Likely Electronic Fault | | :--- | :--- | | **Board is unresponsive** | Blown fuse or failed MOV. | | **Fan won't stop running** | Stuck relay (contacts fused shut). | | **Intermittent signal** | Cold solder joint on the terminal pins. | | **"Buzzing" sound** | Weak coil in the relay or low voltage from the transformer. | ---
    ✨ Follow-up Questions
    • ⤷How do I test the relay on a 42VN-R board using a multimeter?
    • ⤷ What are the common replacement parts for a 42VN-R fan coil controller?
    • ⤷ Is the 42VN-R compatible with universal 24V thermostats?