データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -4N-R

  • AI
    The term **"4N-R"** is most commonly associated with **Optocouplers** (specifically the 4N series) and, in some contexts, specific **NTC Thermistors** or **Resistor networks**. However, in the world of electronic components, the most prominent "4N" series refers to **Phototransistor Output Optoisolators**. --- ## 1. The 4N Series Optocouplers An optocoupler (or optoisolator) is a component that transfers electrical signals between two isolated circuits using light. The "R" suffix often denotes **RoHS compliance** or **Reel packaging** depending on the manufacturer (like Vishay, Lite-On, or Everlight). ### Key Specifications Table | Feature | Typical Value (4N Series) | Description | | :--- | :--- | :--- | | **Input Type** | Infrared LED | Converts electrical current to light. | | **Output Type** | Phototransistor | Converts light back to electrical current. | | **Isolation Voltage** | 1500V - 5000V RMS | Protects low-voltage side from high-voltage spikes. | | **Forward Current ($I_F$)** | 10mA - 60mA | The current required to drive the internal LED. | | **Package Type** | DIP-6 / SMD-6 | Standard 6-pin dual in-line package. | ### Internal Pin Configuration (DIP-6) 1. **Pin 1:** Anode (LED) 2. **Pin 2:** Cathode (LED) 3. **Pin 3:** NC (No Connection) 4. **Pin 4:** Emitter (Phototransistor) 5. **Pin 5:** Collector (Phototransistor) 6. **Pin 6:** Base (Phototransistor - optional connection) --- ## 2. Common Variants The "4N" family includes several specific models, each with different **Current Transfer Ratios (CTR)**: * **4N25 / 4N26:** General purpose, standard isolation. * **4N35 / 4N37:** Higher sensitivity and higher isolation voltage. * **4N28:** Lower CTR, used for basic switching. --- ## 3. Applications The 4N-R series components are used for: * **Microprocessor I/O Isolation:** Protecting an Arduino or Pi from high-voltage motors. * **Switch Mode Power Supplies (SMPS):** Providing feedback from the secondary side to the primary side. * **Ground Loop Elimination:** Preventing noise in audio or digital communication. * **High Voltage Detection:** Sensing AC mains presence safely. --- ## 4. Alternative Meaning: Resistors/Thermistors If "4N-R" refers to a marking on a small bead or disc component: * **NTC Thermistor:** It may represent a **4 Ohm Negative Temperature Coefficient** resistor used for inrush current limiting. * **Resistor Marking:** In some coding systems, "4N" might represent a specific tolerance or value (4.0 Nano-range), though this is less common than the optocoupler designation. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the current-limiting resistor for a 4N35 LED input?
    • ⤷ What is the difference between a 4N25 and a 4N35 optocoupler?
    • ⤷ How does the 'Base' pin (Pin 6) affect the performance of the phototransistor?