データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -524-R

  • AI
    The part number **524-R** typically refers to a high-performance **Surface Mount (SMT) Test Point** or a specific **Precision Resistor** series, depending on the manufacturer. However, in the context of general electronic components, it most commonly identifies as a **Keystone Electronics** SMT test point. Below is the technical breakdown of the 524-R component. --- ### 1. Component Overview The 524-R is a miniature, surface-mount terminal designed to provide a secure and reliable point for test probes, hooks, or clips on a Printed Circuit Board (PCB). | Property | Specification | | :--- | :--- | | **Manufacturer** | Keystone Electronics (Commonly) | | **Type** | SMT Test Point | | **Material** | Phosphor Bronze | | **Finish** | Silver Plate (or Tin/Lead depending on suffix) | | **Mounting** | Surface Mount (SMT) | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | --- ### 2. Key Features * **Low Profile:** Designed to fit in compact electronic assemblies where space is limited. * **High Strength:** The "Ultra-Low" profile design provides a large surface area for soldering, ensuring the part doesn't pull off the board during probing. * **Compatibility:** Compatible with standard vacuum pick-and-place assembly equipment. * **Test Probe Access:** Allows engineers to clip oscilloscope probes or multimeter leads onto the circuit without soldering temporary wires. --- ### 3. Technical Dimensions & Materials The physical characteristics are critical for PCB footprint design. * **Material:** 0.010" (0.25mm) Phosphor Bronze. * **Plating:** Silver plate is standard for high conductivity and oxidation resistance. * **Footprint:** Designed to sit on a solder pad typically sized around **.185" x .135"**. --- ### 4. Application Use Cases * **Debugging:** Used during the prototyping phase to monitor voltage rails or signal integrity. * **Quality Control:** Integrated into mass-produced boards to allow automated test equipment (ATE) or manual technicians to verify board function. * **Grounding:** Can be used as a convenient grounding point for diagnostic tools. --- ### 5. Alternative Interpretation: Resistors If your "524-R" refers to a marking on a resistor, it follows the **EIA-96 marking system** or standard power resistor labeling: * **Value:** 524 Ohms. * **Tolerance:** The "R" acts as a decimal point in some systems (e.g., 5.24Ω) or indicates a precision tolerance rating.
    ✨ Follow-up Questions
    • ⤷ What is the recommended PCB footprint size for the 524-R test point?
    • ⤷ How does the silver plating on the 524-R affect solderability?
    • ⤷ Are there through-hole alternatives to the 524-R SMT test point?