データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -530-R

  • AI
    Based on the part number **530-R**, this typically refers to a specific series of **High-Frequency Power Inductors** or **Choke Coils**, most notably manufactured by companies like **API Delevan** or similar electronic component suppliers. Below is a detailed breakdown of the technical specifications, functions, and typical applications for this electronic part. --- ## 1. Component Specifications The "530-R" suffix often indicates a **RoHS-compliant** (Lead-Free) version of the 530 series. These are molded, shielded/unshielded RF inductors. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Choke | | **Core Material** | Iron or Ferrite (depending on specific inductance value) | | **Inductance Range** | Typically ranges from **0.10 µH to 1000 µH** | | **Tolerance** | Usually ±10% or ±5% | | **Operating Temperature** | -55°C to +125°C | | **Package Style** | Axial Leaded (Through-hole) or Surface Mount (SMD) | --- ## 2. Key Functions The 530-R series serves several critical roles in an electronic circuit: 1. **Filtering:** It blocks high-frequency alternating current (AC) while allowing low-frequency direct current (DC) to pass through. 2. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages of an amplifier or transmitter. 3. **Energy Storage:** Stores energy in a magnetic field when electric current flows through it, often used in power conversion. 4. **Noise Suppression:** Acts as a choke to suppress electromagnetic interference (EMI) and radio frequency interference (RFI). --- ## 3. Identification and Markings When looking at a 530-R part, the markings usually follow a standard color-coding or alphanumeric system: * **The Number "530":** Refers to the physical size and series characteristics (e.g., diameter and length of the component body). * **The Suffix "-R":** Strictly denotes **RoHS Compliance**, meaning the part does not contain hazardous levels of lead, mercury, or cadmium. * **Inductance Value:** Usually printed as a 3-digit code (e.g., `101` for 100µH) or indicated by color bands. --- ## 4. Common Applications * **Communication Equipment:** Walkie-talkies, radio receivers, and cellular infrastructure. * **Power Supplies:** Used in DC-DC converters for ripple voltage filtering. * **Automotive Electronics:** Engine control units and infotainment systems where vibration resistance is required. * **Test & Measurement:** Oscilloscopes and signal generators. --- ## 5. Typical Schematic Representation In a circuit diagram, the 530-R is represented by the standard inductor symbol: ```text L1 (530-R) ---(UUUUU)--- ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 530-R series?
    • ⤷ How do I read the color bands on an axial inductor?
    • ⤷ What are the alternatives to the 530-R for surface mount applications?