データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -5V3Z1-R

  • AI
    The **-5V3Z1-R** (commonly known as the **AO3400** in some contexts, but specifically identifying as a **N-Channel MOSFET** in an SOT-23 package) is a high-density, low-voltage power MOSFET. It is widely used in power management and switching applications due to its low on-resistance and compact size. ### Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30V | | **Gate-Source Voltage** | $V_{GS}$ | ±12V | | **Continuous Drain Current** | $I_D$ | ~5.8A | | **Pulsed Drain Current** | $I_{DM}$ | 30A | | **Power Dissipation** | $P_D$ | 1.4W | | **On-Resistance ($V_{GS}=10V$)** | $R_{DS(on)}$ | < 28mΩ | | **On-Resistance ($V_{GS}=4.5V$)** | $R_{DS(on)}$ | < 33mΩ | | **Package Type** | SOT-23 | Surface Mount | --- ### Key Features 1. **Low On-Resistance:** The low $R_{DS(on)}$ ensures minimal power loss during conduction, improving efficiency in battery-powered devices. 2. **Fast Switching:** Optimized for high-speed switching applications. 3. **Low Threshold Voltage:** Can be driven directly by 2.5V or 3.3V logic levels (microcontrollers). 4. **Compact Form Factor:** The SOT-23 package is ideal for high-density PCB layouts. ### Common Applications * **DC-DC Converters:** Used in buck or boost regulators. * **Load Switching:** Turning peripheral devices on/off in mobile electronics. * **Battery Protection:** Managing charging/discharging cycles. * **Motor Control:** Small DC motor drivers. ### Pinout Configuration (SOT-23) ```text (3) Drain | +---+---+ | | +---+---+ | | (1) (2) Gate Source ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the -5V3Z1-R?
    • ⤷ Can this MOSFET be driven directly by an Arduino or ESP32?
    • ⤷ What is the maximum junction temperature for this component?