データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -6223-R

  • AI
    The **6223A-SR** (often referred to as 6223-R in short) is a highly integrated, low-power **Wi-Fi and Bluetooth combo module**. It is widely used in IoT devices, set-top boxes, and smart home appliances. --- ### 1. General Specifications The module is based on the **Realtek RTL8723BS** or **RTL8723DS** chipset (depending on the specific revision). It provides a complete solution for a high-performance integrated wireless LAN and Bluetooth device. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8723 | | **Interface** | SDIO 2.0 (Wi-Fi) / UART (Bluetooth) | | **Wi-Fi Standard** | IEEE 802.11 b/g/n | | **Bluetooth Standard** | BT 2.1 + EDR / BT 4.0 / BT 4.2 | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Operating Voltage** | 3.3V (Typical) | | **Form Factor** | LCC (Leadless Chip Carrier) | --- ### 2. Core Components & Architecture The module consists of several internal electronic sections that work together: #### A. Wi-Fi MAC & Baseband The Wi-Fi portion handles the IEEE 802.11n features, supporting high throughput (up to 150Mbps) using 1x1 SISO technology. It includes a physical layer (PHY) and a Media Access Control (MAC) layer. #### B. Bluetooth Controller It features an integrated Bluetooth controller that supports the Dual Mode system (Classic + Low Energy). This allows the module to connect to old legacy devices and modern sensors simultaneously. #### C. Radio Frequency (RF) Frontend The 6223-R includes: * **Power Amplifier (PA):** To boost the signal for transmission. * **Low Noise Amplifier (LNA):** To increase sensitivity for incoming signals. * **RF Switch:** To toggle between Wi-Fi and Bluetooth operations, as they share the same 2.4GHz frequency band. --- ### 3. Pinout Categories The 6223-R module typically uses a stamp-hole (SMC) layout. The pins are categorized as follows: 1. **Power Pins:** `VBAT` (Main power) and `VDDIO` (I/O voltage). 2. **SDIO Pins:** `CLK`, `CMD`, `D0-D3` (Used for high-speed Wi-Fi data transfer). 3. **UART Pins:** `TX`, `RX`, `CTS`, `RTS` (Used for Bluetooth communication). 4. **Control Pins:** `CHIP_EN` (Enable), `WL_WAKE_HOST`, `BT_WAKE_HOST`. 5. **Antenna:** Usually features a dedicated pin for an external antenna or a PCB trace antenna. --- ### 4. Key Advantages * **Co-existence:** Advanced hardware mechanisms to ensure Wi-Fi and Bluetooth don't interfere with each other despite sharing the same frequency. * **Low Power Consumption:** Features "Deep Sleep" modes and power management units (PMU) to extend battery life in portable devices. * **Small Footprint:** Its compact size makes it ideal for tablets and small IoT modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RTL8723BS and RTL8723DS versions of this module?
    • ⤷ How do I interface this module with an STM32 or ESP32 microcontroller?
    • ⤷ What is the typical range of the 6223-R module in an indoor environment?