データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -64-R

  • AI
    The term **64-R** typically refers to specific electronic components characterized by a resistance value of **64 Ohms** or a specific model number in power electronics. In the context of passive components, "64R" is the standard notation for a resistor. ### 1. Resistor Identification (64R) In electronic circuit diagrams and SMD (Surface Mount Device) marking systems, the "R" acts as both the unit (Ohms) and the decimal point. | Marking | Interpretation | Value | | :--- | :--- | :--- | | **64R** | 64 Ohms | 64 $\Omega$ | | **64R0** | 64.0 Ohms (Precision) | 64 $\Omega$ | | **R64** | 0.64 Ohms | 0.64 $\Omega$ | --- ### 2. Physical Form Factors These parts come in various packages depending on the power requirements of the circuit: * **Through-Hole (Axial):** Used in breadboarding and older equipment. Usually color-coded (Blue, Yellow, Black, Gold). * **SMD (Surface Mount):** Tiny rectangular chips (sizes like 0603, 0805, or 1206) used in modern smartphones and motherboards. * **Chassis Mount:** Large aluminum-housed resistors used for high-power dissipation (e.g., braking resistors or load banks). --- ### 3. Technical Specifications When selecting or replacing a "64-R" part, the following parameters are critical: | Feature | Description | Common Values | | :--- | :--- | :--- | | **Tolerance** | How much the actual resistance varies from 64 $\Omega$. | ±1%, ±5% | | **Power Rating** | The maximum heat the part can dissipate without burning. | 1/8W, 1/4W, 10W | | **Temperature Coefficient** | How resistance changes with heat. | Measured in ppm/°C | --- ### 4. Common Applications * **Impedance Matching:** 64 Ohms is a common impedance for certain types of audio headphones and communication lines. * **Current Limiting:** Protecting LEDs or transistors from excessive current. * **Voltage Division:** Used in sensor circuits to scale down voltages for microcontrollers. --- ### 5. Troubleshooting 64-R Components If you are testing a part labeled 64-R with a multimeter: 1. **Set Multimeter:** Switch to the $\Omega$ (Ohms) setting. 2. **Measure:** Touch the probes to both ends of the component. 3. **Analyze:** * **63.3 – 64.7 $\Omega$:** The part is likely good (within 1% tolerance). * **OL (Open Loop):** The resistor is "blown" or burnt out internally. * **0.0 $\Omega$:** The part is shorted (rare for resistors).
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific resistor package size like 0805 or 1206?
    • ⤷ Do you need the color code sequence for a 64-ohm axial resistor?
    • ⤷ Is this part of a specific device schematic you are repairing?