データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -6A6-R

  • AI
    The **6A6-R** is a specific variant of a high-power, fast-recovery silicon rectifier diode. It is commonly used in power supply circuits, battery chargers, and industrial controllers where high current handling and reliability are required. --- ## 1. Technical Specifications The "6A" in the part number typically signifies its **6 Ampere** current rating, and the "R" often denotes specific packaging or compliance (such as RoHS) or a specialized "Fast Recovery" characteristic depending on the manufacturer. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Maximum Average Forward Current ($I_{o}$)** | 6.0 Amperes | | **Maximum Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts (Typical for -6 variant) | | **Maximum Forward Voltage Drop ($V_{F}$)** | 1.1 V @ 6.0A | | **Operating Temperature Range** | -65°C to +150°C | | **Package Type** | R-6 (Axial Lead Plastic) | --- ## 2. Key Features * **High Current Capability:** Capable of handling continuous 6A loads, which is significant for an axial-leaded component. * **High Surge Current:** Designed to withstand high momentary surges (often up to 400A for 8.3ms), preventing failure during device startup. * **Low Forward Voltage:** Minimizes power loss and heat dissipation during operation. * **Construction:** Usually encapsulated in a flame-retardant plastic case (UL 94V-0 rated). --- ## 3. Physical Dimensions (R-6 Package) The R-6 package is a large axial lead package designed to dissipate heat through its thick copper leads. ```text _________________________ | | ------| | |------ Leads| Body (R-6) |Leads |_________________________| ^ Cathode Band (Negative) ``` --- ## 4. Common Applications 1. **AC to DC Rectification:** Used in bridge rectifiers for power adapters and industrial power supplies. 2. **Freewheeling Diode:** Protects circuits from voltage spikes when switching inductive loads like motors or solenoids. 3. **Battery Chargers:** Handles the high charging currents required for lead-acid or lithium-ion packs. 4. **Reverse Polarity Protection:** Prevents damage to sensitive electronics if a battery or power supply is connected backwards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 6A6 and 6A10 diodes?
    • ⤷ Can the 6A6-R be used in high-frequency switching power supplies?
    • ⤷ What are the thermal management requirements for an R-6 package diode at 6 Amps?