データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -80010-R

  • AI
    The **80010-R** is a specific electronic component identifier most commonly associated with **high-frequency RF (Radio Frequency) power transistors** or specific **industrial sensor modules**, depending on the manufacturer. In the most common context (Semiconductor/RF), it refers to a **Power LDMOS (Laterally Diffused Metal Oxide Semiconductor) transistor** or a related RF power module. --- ### 1. Technical Specifications (General Overview) While specifications can vary slightly by manufacturer (such as M/A-COM or similar RF specialists), these parts generally fall into the following category: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Enhancement Mode RF Power Transistor | | **Frequency Range** | Typically HF to UHF (Varies by sub-model) | | **Power Output** | High Wattage (Often 10W - 100W range) | | **Mounting Type** | Surface Mount or Bolt-down (Flange) | | **RoHS Compliance** | The "-R" suffix typically denotes **RoHS Compliant** (Lead-free) | --- ### 2. Key Features * **High Gain:** Designed to amplify signals with high efficiency and minimal distortion. * **Thermal Stability:** Built with integrated heat-sink interfaces to handle high operating temperatures. * **Durability:** Often features gold metallization for long-term reliability in military or industrial applications. * **Broadband Performance:** Capable of operating across a wide range of frequencies without significant power drop-off. --- ### 3. Common Applications These parts are typically integrated into larger electronic systems such as: 1. **Telecommunications:** Base stations and signal repeaters. 2. **Broadcast:** FM/TV transmitters. 3. **Medical Equipment:** MRI machines (where RF pulses are required). 4. **Radar Systems:** Pulse amplification for aviation or marine navigation. --- ### 4. Implementation Example (Basic RF Circuit) In a standard circuit, the 80010-R acts as the final stage of amplification. ```cpp // Schematic representation logic [Input Signal] -> [Pre-Amplifier] -> [80010-R Power Stage] -> [Low Pass Filter] -> [Antenna] ``` --- ### 5. Identification Check If you are looking at a physical part, check for the following manufacturer logos which often use this numbering scheme: * **M/A-COM Technology Solutions** * **NXP / Freescale** * **Microsemi** > **Note:** Always verify the specific datasheet for the manufacturer prefix (e.g., MRF, BLF, or DU) to ensure pinout compatibility, as "80010" may be the base part number.
    ✨ Follow-up Questions
    • ⤷ Could you provide the manufacturer name on the component for a more specific datasheet analysis?
    • ⤷ Are you looking for a pin-compatible replacement for this part?
    • ⤷ Is this component being used in a high-frequency RF application or an industrial sensor?