データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -A556-R

  • AI
    The term **A556-R** most commonly refers to a specific series of high-performance **Chip Resistors** or **Resistor Networks**, frequently utilized in industrial electronics and power management systems. Below is a detailed breakdown of the electronic specifications, physical characteristics, and typical applications associated with this component type. --- ### 1. Technical Specifications The "A556" designation usually aligns with standardized surface-mount device (SMD) or network configurations. While exact specs can vary by manufacturer (such as KOA Speer or Vishay), the general parameters are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Resistor Network | | **Resistance Value** | Variable (Determined by the numeric code following A556) | | **Tolerance** | Typically ±1% (F) or ±5% (J) | | **Power Rating** | 0.1W to 0.25W per element (Typical) | | **Temperature Coefficient** | ±100 ppm/°C to ±250 ppm/°C | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (depending on suffix) | --- ### 2. Key Internal Components The A556-R is constructed using several layers of materials designed for stability and heat dissipation: 1. **Substrate:** Usually high-purity Alumina (Ceramic) which provides excellent insulation and thermal conductivity. 2. **Resistive Element:** A thick-film or metal-glaze paste screen-printed onto the substrate. 3. **Protective Coating:** An epoxy or glass-based overcoat that shields the resistive element from moisture and mechanical damage. 4. **Terminations:** Tin-plated (Sn) over a nickel (Ni) barrier to ensure excellent solderability and prevent silver leaching. --- ### 3. Common Applications Due to the "R" suffix (often indicating **RoHS Compliance** or **Reel Packaging**), these parts are found in mass-produced consumer and industrial boards: * **Voltage Division:** Used in sensor circuits to scale down voltages. * **Pull-up/Pull-down:** Ensuring digital logic gates sit at a defined high or low state. * **Current Limiting:** Protecting LEDs or sensitive integrated circuit (IC) pins from overcurrent. * **Filtering:** Working alongside capacitors in RC (Resistor-Capacitor) networks to smooth signals. --- ### 4. Identification Code Breakdown If you see the full part number, here is how to read the markings: ```text [Series Prefix: A556] - [Resistance Code: e.g., 103] - [Tolerance: R] ``` * **103:** Represents 10,000 ohms (10kΩ). * **R:** In some naming conventions, 'R' serves as a decimal point (e.g., 4R7 = 4.7Ω) or indicates the part is compliant with lead-free regulations. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value printed on your A556-R component?
    • ⤷ Are you looking for a datasheet for a specific manufacturer like KOA Speer or Panasonic?
    • ⤷ Do you need help identifying a replacement or equivalent part for a circuit repair?