データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -AC114-R

  • AI
    The **AC114-R** typically refers to a specific control board model often used in automation, specifically for **sliding gate openers** and garage door systems (commonly associated with brands like GIBIDI or various generic industrial controllers). Below is a breakdown of the electronic components and technical specifications for this type of control unit. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Power Supply** | 230V AC (Standard) / 120V AC (Regional) | | **Motor Type** | Single-phase Induction Motor | | **Max Motor Load** | 500W - 750W | | **Accessory Output** | 24V AC/DC (for Photocells/Receivers) | | **Radio Frequency** | 433.92 MHz (Rolling or Fixed Code) | | **Operating Temp** | -20°C to +55°C | --- ### 2. Key Electronic Components The AC114-R board consists of several functional sections that manage power and logic: #### A. Power Regulation & Protection * **Transformer:** Steps down the high voltage to 24V for the logic circuits. * **Varistors (MOV):** Protects the board from voltage spikes and lightning surges. * **Fuses:** Usually two fuses—one for the high-voltage motor line (e.g., 5A) and one for the low-voltage logic (e.g., 500mA). #### B. Control Logic * **Microcontroller:** The "brain" that processes inputs from remote controls, limit switches, and safety sensors. * **DIP Switches:** A small block of switches used to program functions (e.g., auto-close timer, step-by-step mode, or soft start). * **Potentiometers (Trimmers):** Small rotating dials used to manually adjust **Force/Torque**, **Obstacle Sensitivity**, and **Delay Time**. #### C. Relays and Switching * **Directional Relays:** High-current mechanical switches that swap the phase to the motor to change direction (Open/Close). * **Capacitor Terminals:** Connections for the motor starting capacitor, essential for providing the initial torque to move the gate. #### D. Inputs & Outputs (I/O) * **Limit Switch Inputs:** Connectors for NC (Normally Closed) or NO (Normally Open) switches that tell the board the gate is fully open/closed. * **Safety Terminals:** Dedicated ports for Infrared Photocells and Emergency Stop buttons. --- ### 3. Common Wiring Interface | Terminal Name | Description | | :--- | :--- | | **L / N** | AC Power Input (Live and Neutral) | | **COM / OP / CL** | Motor Connections (Common, Open, Close) | | **LAMP** | Output for 230V Flashing Signal Light | | **24V OUT** | Power for external accessories (Sensors) | | **START / STOP** | Wired push-button inputs | | **ANT** | Connection for the 433MHz antenna wire | --- ### 4. Maintenance & Safety Note > [!WARNING] > Since the AC114-R handles **high-voltage AC (230V/110V)**, always disconnect the main power supply before touching the board or adjusting the wiring. Ensure the ground (Earth) wire is properly connected to the motor chassis. ---
    ✨ Follow-up Questions
    • ⤷ How do I program a new remote control to the AC114-R board?
    • ⤷ What should I do if the motor hums but the gate doesn't move?
    • ⤷ Which DIP switch settings enable the auto-close feature?