データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -AE3-R

  • AI
    The **AE3-R** generally refers to a specific series of high-performance **Brushless DC (BLDC) Motors** and their associated Electronic Speed Controllers (ESC), frequently used in industrial drones, robotics, and aerospace applications. --- ## 1. Core Electronic Components The AE3-R system is not a single part but a synchronized assembly of power electronics and electromechanical components. | Component | Function | Key Specifications | | :--- | :--- | :--- | | **Stator Winding** | High-temperature enameled copper wire. | 12N14P or 24N28P configurations. | | **Rotor Magnets** | Sintered Neodymium (NdFeB) magnets. | High-grade N45SH or N52 (Heat resistant). | | **Feedback Sensors** | Digital Hall Effect Sensors. | Provides rotor position for low-speed torque. | | **Integrated ESC** | Electronic Speed Controller. | Uses MOSFETs to switch DC to 3-phase AC. | --- ## 2. Technical Control Architecture The electronic operation of the AE3-R relies on **Field Oriented Control (FOC)**. This method provides smoother transitions and higher efficiency compared to traditional square-wave switching. ### Circuit Logic Diagram (Conceptual) ```mermaid graph LR A[DC Power Input] --> B[Capacitor Bank] B --> C[MOSFET Bridge] C --> D[Phase U/V/W Output] D --> E[AE3-R Motor] E --> F[Hall Sensors] F --> G[Microcontroller/MCU] G --> C ``` --- ## 3. Performance Parameters When sourcing or replacing parts for an AE3-R system, the following electronic limits must be observed: * **Operating Voltage:** Typically 12S to 14S LiPo (44.4V - 58.8V). * **Max Continuous Current:** Often rated between 60A and 100A depending on the specific frame size. * **PWM Frequency:** Usually operates at 16kHz to 24kHz to minimize acoustic noise and heat. * **Communication Protocol:** Supports **CAN-bus**, **UART**, or standard **PWM/DShot** for flight controller telemetry. --- ## 4. Maintenance and Safety Parts Because the AE3-R handles high current, specific protection electronics are integrated into the assembly: 1. **TVS Diodes:** Protects the motor's internal logic from voltage spikes (back-EMF). 2. **Phase Shunts:** Small resistors used to measure current flow for real-time over-current protection. 3. **Temperature Sensors (NTC):** Thermistors embedded in the windings to trigger thermal throttling if the motor exceeds 100°C. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AE3-R and the standard AE3 model?
    • ⤷ How do I configure the CAN-bus IDs for an AE3-R motor?
    • ⤷ What are the common failure signs in the AE3-R internal MOSFETs?