データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -AG3-R

  • AI
    The **AG3-R** (often associated with high-drain alkaline coin cells or specific agricultural/GPS relay modules depending on the context) most commonly refers to the **AG3/LR41 battery** variant or its specific implementation in small electronic circuits. Below is an overview of the electronic components and specifications typical of the AG3-R standard. --- ## 1. Primary Component: The AG3-R Battery The AG3-R is a miniature alkaline button cell. In electronics, the "R" suffix often denotes "Round" or a specific "Rechargeable" variant in niche industrial contexts, though it is primarily a primary (non-rechargeable) cell. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Chemistry** | Alkaline (Manganese Dioxide) | | **Nominal Voltage** | 1.50V - 1.55V | | **Capacity** | ~35mAh - 42mAh | | **Diameter** | 7.9 mm | | **Height** | 3.6 mm | | **Weight** | ~0.6g | --- ## 2. Circuitry and Interface Parts When integrated into a device (like a laser pointer, digital thermometer, or small toy), the AG3-R system involves the following electronic parts: ### A. Battery Contacts (Terminals) * **Positive (+) Terminal:** Usually the outer casing and the bottom surface. * **Negative (-) Terminal:** The smaller circular top surface. * **Material:** Usually nickel-plated steel to prevent corrosion and ensure high conductivity. ### B. Current Limiting Resistors Because AG3 cells have relatively high internal resistance, small circuits often include a SMD (Surface Mount Device) resistor to prevent the LED or IC from drawing too much current. * **Typical Value:** 10Ω to 100Ω depending on the load. ### C. Protection Diode (In specific "R" variants) In devices that use multiple AG3 cells in series, a Schottky diode may be included in the housing to prevent reverse polarity if a battery is inserted backwards. --- ## 3. Equivalent Parts Reference If you are sourcing replacements for AG3-R components, use this cross-reference table: | Standard | Equivalent Code | | :--- | :--- | | **IEC** | LR41 | | **ANSI** | 192 | | **Varta** | V3GA | | **Duracell** | LR41 / 392 | | **Seiko** | SR41W (Silver Oxide equivalent) | --- ## 4. Usage Precautions 1. **Voltage Sag:** AG3-R cells are prone to voltage drops under high-load pulses (e.g., RF transmission). 2. **Leakage:** Alkaline chemistry is susceptible to leaking potassium hydroxide if left discharged in a device for long periods. 3. **Silver Oxide Upgrade:** For precision electronics (like watches), the AG3-R (Alkaline) can be replaced by the **SR41** (Silver Oxide), which provides a flatter discharge curve and longer shelf life.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between AG3 alkaline and SR41 silver oxide batteries?
    • ⤷ How do I calculate the runtime of a circuit powered by three AG3-R batteries?
    • ⤷ What are the common SMD resistor sizes used with button cell battery holders?