データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -D8-R

  • AI
    The **D8-R** usually refers to a specific series of high-power **Radio Frequency (RF) Power Dividers/Splitters** or, in some contexts, specific **Schottky Barrier Diodes** or **Relays** depending on the manufacturer. However, in the realm of modern electronic components, it most commonly refers to a **Power Splitter** used in telecommunications. Below is a breakdown of the typical electronic characteristics and specifications associated with D8-R series components. --- ### 1. General Specifications (RF Power Splitter) The D8-R is frequently a 1-to-8 way power divider. It is designed to split an input signal into eight equal output signals with minimal loss. | Feature | Typical Specification | | :--- | :--- | | **Frequency Range** | 500 MHz to 6000 MHz (Broadband) | | **Insertion Loss** | < 1.5 dB (above theoretical split) | | **Isolation** | > 20 dB between output ports | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | SMA Female or N-Type | | **Power Rating** | 10W - 30W (as a splitter) | ### 2. Key Internal Electronic Parts To function correctly, the D8-R contains several passive electronic elements: * **Microstrip Circuits:** Etched copper patterns on a low-loss dielectric substrate (like Rogers or FR-4) that route the signal. * **Isolation Resistors:** Surface-mount resistors (SMD) placed between output ports to ensure that if one port has a reflection, it doesn't interfere with the others. * **Impedance Transformers:** Quarter-wave sections of transmission lines that match the 50-ohm input to the combined impedance of the outputs. * **EMI Shielding:** A robust aluminum or metal alloy housing to prevent external electromagnetic interference. ### 3. Applications The D8-R component is typically found in the following systems: 1. **Distributed Antenna Systems (DAS):** Splitting cellular signals across multiple floors or rooms. 2. **Laboratory Testing:** Dividing a signal generator output to test eight devices simultaneously. 3. **Satellite Communications:** Distributing L-band signals to multiple receivers. ### 4. Alternative Identification If "D8-R" refers to a specific semiconductor (like a Diode), it often follows these parameters: * **D:** Stands for Diode. * **8:** Often represents the peak repetitive reverse voltage (e.g., 800V) or current rating (8A). * **R:** Often indicates "Reverse Polarity" or "Fast Recovery" characteristic. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Mini-Circuits or a generic power divider?
    • ⤷ Do you need the pinout diagram for a D8-R integrated circuit?
    • ⤷ Are you looking for the power handling limitations of this component?