データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -DB6-R

  • AI
    The **DB6-R** is a specific model of a **Full-Wave Bridge Rectifier**. It is widely used in power supplies and consumer electronics to convert Alternating Current (AC) into Direct Current (DC). --- ## 1. Core Technical Specifications The DB6-R is part of the "DB" series of bridge rectifiers, known for their compact size and reliable performance. | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Single-Phase Bridge Rectifier | | **Max Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 600V | | **Max Average Forward Rectified Current ($I_{O}$)** | 1.0 Ampere | | **Peak Forward Surge Current ($I_{FSM}$)** | 30 - 50 Amperes (8.3ms half-sine) | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | DB (4-Pin DIP / Surface Mount equivalent) | --- ## 2. Functional Description Inside the DB6-R are **four silicon diodes** arranged in a bridge configuration. This setup ensures that regardless of the AC input polarity, the output remains in a single direction (DC). ### Pin Configuration The device has four leads, usually marked on the casing: 1. **AC Pins (~):** Two pins where the input alternating voltage is connected. 2. **Positive Output (+):** The rectified positive DC terminal. 3. **Negative Output (-):** The rectified negative DC terminal (Ground). --- ## 3. Key Features * **High Reverse Voltage:** Rated up to 600V, making it suitable for standard household AC mains (110V/220V). * **Low Forward Voltage Drop:** Typically around 1.1V per diode, which minimizes power loss. * **Glass Passivated Junction:** This provides high reliability and stability against moisture and environmental contaminants. * **Compact Footprint:** The "DB" package is small, saving space on Printed Circuit Boards (PCBs). --- ## 4. Typical Application Circuit A bridge rectifier is usually the first stage after a transformer in a power supply circuit. ```text [ AC Source ] ----> [ DB6-R ] ----> [ Smoothing Capacitor ] ----> [ DC Load ] (Rectifies) (Removes Ripple) (Clean DC) ``` ### Usage Examples: * AC/DC Adapters (Wall warts). * Battery Chargers. * LED Lighting Power Supplies. * Small home appliances. --- ## 5. Circuit Symbol Representation In a schematic, it is represented as a diamond shape with four diodes: ```python # Logic representation of the internal bridge # AC1 --|>|--+--|>|-- AC2 # | | # (-) (+) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DB6-R and the DB107 bridge rectifier?
    • ⤷ How do I calculate the heat dissipation requirements for a DB6-R?
    • ⤷ Can the DB6-R be used for 240V AC mains rectification?