データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -DY-R

  • AI
    The term **DY-R** typically refers to a specific series of **Passive Components**, most commonly **Fixed Resistors** or **Thermal Resistors (NTC/PTC)** manufactured by various electronic component firms (such as DY-Resistor or specific Asian manufacturers). Below is an overview of the electronic specifications and characteristics associated with parts bearing the "DY-R" designation. --- ## 1. Primary Component: Fixed Resistors (DY-R Series) Most components labeled "DY-R" are **Thick Film Chip Resistors** or **Metal Film Resistors**. These are the "bread and butter" of PCB assembly. ### Technical Specifications | Feature | Description | Common Values | | :--- | :--- | :--- | | **Material** | Metal Film / Thick Film | - | | **Tolerance** | Accuracy of resistance | ±1%, ±5% | | **Power Rating** | Heat dissipation capacity | 1/8W, 1/4W, 1/2W | | **Resistance Range** | Range of Ohms available | 0.1Ω to 10MΩ | | **Mounting Type** | Physical attachment | SMD (Surface Mount) or Through-hole | --- ## 2. Specialized Parts: DY-R Thermistors In some industrial contexts, "DY-R" denotes a **Negative Temperature Coefficient (NTC) Thermistor**. These are used for temperature sensing and circuit protection. ### Key Characteristics: * **R25 Value:** The resistance of the part at exactly 25°C (commonly 10k or 100k). * **B-Constant:** A value representing the slope of the resistance-temperature curve. * **Applications:** 1. Battery pack temperature monitoring. 2. Overcurrent protection (Inrush current limiting). 3. HVAC temperature sensors. --- ## 3. How to Read the Part Number Usually, the "DY-R" prefix is followed by a string of numbers that define its physical size and electrical properties. ### Example: `DY-R 0805 F 1002` * **DY-R:** Series/Manufacturer identifier. * **0805:** Physical size (Metric or Imperial dimensions). * **F:** Tolerance (F = ±1%). * **1002:** Resistance code. (The first three digits are significant figures; the last digit is the number of zeros. `100 + 00 = 10,000Ω` or 10kΩ). --- ## 4. Usage in Circuits These parts are generally used for: * **Voltage Division:** Creating specific voltage levels within a circuit. * **Current Limiting:** Protecting LEDs or Transistors from burning out. * **Pull-up/Pull-down:** Ensuring logic gates stay at a stable HIGH or LOW state. ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific DY-R component size?
    • ⤷ Do you need help decoding a specific resistance code found on a DY-R part?
    • ⤷ Are you trying to find a compatible replacement for a DY-R resistor?