データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • -J3Z1-R

  • AI
    The **J3Z1-R** refers to a specific series of high-performance, compact **Solid State Relays (SSRs)**, typically manufactured by companies like **OMRON** (within the G3Z/J3Z families) or used in specific industrial automation modules. These components are designed for high-frequency switching and long operational life compared to mechanical relays. --- ### 1. Technical Specifications The "J3Z" series is characterized by its slim profile and high isolation. Below are the typical technical parameters for a J3Z1-R type component: | Parameter | Typical Value | | :--- | :--- | | **Control Voltage (Input)** | 4V DC to 24V DC | | **Load Voltage (Output)** | 5V DC to 24V DC / 100V-240V AC (model dependent) | | **Maximum Load Current** | 1A to 3A | | **Isolation Method** | Photocoupler (Optical Isolation) | | **Response Time** | < 1ms (Operate/Release) | | **Mounting Type** | PCB Mount or Socket | --- ### 2. Key Features The J3Z1-R is preferred in modern electronics for several reasons: * **Silent Operation:** Since there are no moving mechanical parts, it switches silently. * **High Speed:** It can handle high-speed pulse-width modulation (PWM) or rapid switching that would destroy a mechanical relay. * **Built-in Protection:** Often includes a **Schottky barrier diode** or varistor to protect against reverse polarity and voltage surges. * **Compact Form Factor:** The "1-R" designation usually implies a specific pin configuration or a "Relay-terminal" style slim design for high-density boards. --- ### 3. Pin Configuration & Circuitry Internally, the J3Z1-R consists of an LED (input side) and a switching transistor or Triac (output side). ```mermaid graph LR Input_Pos(+) --> LED LED --> Input_Neg(-) subgraph Isolation_Barrier LED -.-> Light_Sensor end Light_Sensor --> Switch_Gate Switch_Gate --> Load_Output ``` ### 4. Common Applications * **PLC Outputs:** Used as an interface between Programmable Logic Controllers and external actuators. * **Solenoid Valves:** Controlling pneumatic or hydraulic valves in assembly lines. * **Heater Control:** Managing PID temperature loops where frequent switching is required. * **Office Automation:** Printers and copiers for motor control. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between J3Z1-R and a standard electromagnetic relay?
    • ⤷ Can the J3Z1-R be used for both AC and DC loads?
    • ⤷ What are the common failure modes for this type of solid state relay?